Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC16083 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC16083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC16083 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  HPC16083 Datasheet HTML 1Page - National Semiconductor (TI) HPC16083 Datasheet HTML 2Page - National Semiconductor (TI) HPC16083 Datasheet HTML 3Page - National Semiconductor (TI) HPC16083 Datasheet HTML 4Page - National Semiconductor (TI) HPC16083 Datasheet HTML 5Page - National Semiconductor (TI) HPC16083 Datasheet HTML 6Page - National Semiconductor (TI) HPC16083 Datasheet HTML 7Page - National Semiconductor (TI) HPC16083 Datasheet HTML 8Page - National Semiconductor (TI) HPC16083 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
20 MHz
AC Electrical Characteristics
(See Notes 1 and 4 and
Figure 1 thru Figure 5 )VCC e 50V g10% unless otherwise specified TA e 0 Cto a70 C for
HPC46083HPC46003 b40 Cto a85 C for HPC36083HPC36003 b40 Cto a105 C for HPC26083HPC26003 b55 Cto
a
125 C for HPC16083HPC16003
Symbol and Formula
Parameter
Min
Max
Units
Note
fC
CKI Operating Frequency
2
20
MHz
tC1 e 1fC
CKI Clock Period
50
500
ns
tCKIH
CKI High Time
225
ns
tCKIL
CKI Low Time
225
ns
tC e 2fC
CPU Timing Cycle
100
ns
tWAIT e tC
CPU Wait State Period
100
ns
tDC1C2R
Delay of CK2 Rising Edge after
0
55
ns
(Note 2)
CKI Falling Edge
tDC1C2F
Delay of CK2 Falling Edge after
0
55
ns
(Note 2)
CKI Falling Edge
fU e fC 8
External UART Clock Input Frequency
25
MHz
fMW
External MICROWIREPLUS
125
MHz
Clock Input Frequency
fXIN e fC 22
External Timer Input Frequency
091
MHz
tXIN e tC
Pulse Width for Timer Inputs
100
ns
tUWS
MICROWIRE Setup TimeMaster
100
ns
Slave
20
tUWH
MICROWIRE Hold TimeMaster
20
ns
Slave
50
tUWV
MICROWIRE Output Valid TimeMaster
50
ns
Slave
150
tSALE e
tC a 40
HLD Falling Edge before ALE Rising Edge
115
ns
tHWP e tC a 10
HLD Pulse Width
110
ns
tHAE e tC a 100
HLDA Falling Edge after HLD Falling Edge
200
ns
(Note 3)
tHAD e
tC a 85
HLDA Rising Edge after HLD Rising Edge
160
ns
tBF e
tC a 66
Bus Float after HLDA Falling Edge
116
ns
(Note 5)
tBE e
tCa 66
Bus Enable after HLDA Rising Edge
116
ns
(Note 5)
tUAS
Address Setup Time to Falling Edge of URD
10
ns
tUAH
Address Hold Time from Rising Edge of URD
10
ns
tRPW
URD Pulse Width
100
ns
tOE
URD Falling Edge to Output Data Valid
0
60
ns
tOD
Rising Edge of URD to Output Data Invalid
5
35
ns
(Note 6)
tDRDY
RDRDY Delay from Rising Edge of URD
70
ns
tWDW
UWR Pulse Width
40
ns
tUDS
Input Data Valid before Rising Edge of UWR
10
ns
tUDH
Input Data Hold after Rising Edge of UWR
20
ns
tA
WRRDY Delay from Rising Edge of UWR
70
ns
This maximum frequency is attainable provided that this external baud clock has a duty cycle such that the high period includes two (2) falling edges of the CK2
clock
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com