Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS754 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS754
Description  Monolithic Hall IC for high reliability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS754 Datasheet HTML 1Page - Allegro MicroSystems ACS754 Datasheet HTML 2Page - Allegro MicroSystems ACS754 Datasheet HTML 3Page - Allegro MicroSystems ACS754 Datasheet HTML 4Page - Allegro MicroSystems ACS754 Datasheet HTML 5Page - Allegro MicroSystems ACS754 Datasheet HTML 6Page - Allegro MicroSystems ACS754 Datasheet HTML 7Page - Allegro MicroSystems ACS754 Datasheet HTML 8Page - Allegro MicroSystems ACS754 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACS754xCB-200
Description
The Allegro ACS75x family of current sensor ICs provides
economical and precise solutions for current sensing in
industrial, automotive, commercial, and communications
systems.The device package allows for easy implementation by
the customer. Typical applications include motor control, load
detection and management, power supplies, and overcurrent
fault protection.
The device consists of a precision, low-offset linear Hall
circuit with a copper conduction path located near the die.
Applied current flowing through this copper conduction path
generates a magnetic field which the Hall IC converts into a
proportional voltage. Device accuracy is optimized through the
close proximity of the magnetic signal to the Hall transducer.
A precise, proportional voltage is provided by the low-offset,
chopper-stabilized BiCMOS Hall IC, which is programmed
for accuracy at the factory.
The output of the device has a positive slope (>VCC/2)whenan
increasing current flows through the primary copper conduction
path (from terminal 4 to terminal 5), which is the path used for
current sampling.The internal resistance of this conductive path
is typically 100 μΩ, providing low power loss. The thickness
of the copper conductor allows survival of the device at up to
ACS754200-DS Rev. 9
Features and Benefits
▪ Monolithic Hall IC for high reliability
▪ Single +5 V supply
▪ 3 kVRMS isolation voltage between terminals 4/5 and
pins 1/2/3 for up to 1 minute
▪ 35 kHz bandwidth
▪ Automotive temperature range
▪ End-of-line factory-trimmed for gain and offset
▪ Ultra-low power loss: 100 μΩ internal conductor
resistance
▪ Ratiometric output from supply voltage
▪ Extremely stable output offset voltage
▪ Small package size, with easy mounting capability
▪ Output proportional to AC and DC currents
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with High Voltage Isolation and a Low-Resistance Current Conductor
Continued on the next page…
Package: 5 pin package (leadform PFF)
Typical Application
+5 V
VOUT
RF
CF
CBYP
0.1 µF
IP+
IP–
2
GND
4
5
ACS754
3
1
VIOUT
VCC
I
P
Application 1. The ACS754 outputs an analog signal, VOUT.
that varies linearly with the uni- or bi-directional AC or DC
primary sampled current, IP, within the range specified. CF
is recommended for noise management, with values that
depend on the application.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com