Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS756SCB Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS756SCB
Description  Small package size, with easy mounting capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS756SCB Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ACS756SCB Datasheet HTML 2Page - Allegro MicroSystems ACS756SCB Datasheet HTML 3Page - Allegro MicroSystems ACS756SCB Datasheet HTML 4Page - Allegro MicroSystems ACS756SCB Datasheet HTML 5Page - Allegro MicroSystems ACS756SCB Datasheet HTML 6Page - Allegro MicroSystems ACS756SCB Datasheet HTML 7Page - Allegro MicroSystems ACS756SCB Datasheet HTML 8Page - Allegro MicroSystems ACS756SCB Datasheet HTML 9Page - Allegro MicroSystems ACS756SCB Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756xCB
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X100 PERFORMANCE CHARACTERISTICS over Range S1: TOP = –20°C to 85°C, VCC= 5 V, unless otherwise speci-
fied
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
–100
–
100
A
Sensitivity
SensTA
Half scale of IP applied for 5 ms, TA = 25°C
–
20
–
mV/A
SensTOP Half scale of IP applied for 5 ms
18.2
–
21.8
mV/A
Noise2
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
–
6
–
mV
Nonlinearity
ELIN(HT)
Up to full scale of IP, IP applied for 5 ms, TOP = 25°C to 85°C
– 1.75
–
1.75
%
ELIN(LT)
Up to full scale of IP, IP applied for 5 ms, TOP = –20°C to 25°C
– 1
–
1
%
Electrical Offset Voltage3
VOE(TA)
IP = 0 A, TA = 25°C
–
±2
–
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 85°C
–30
–
30
mV
VOE(TOP)LT IP = 0 A, TOP = –20°C to 25°C
–30
–
30
mV
Total Output Error4
ETOT(HT) Over full scale of IP, IP applied for 5 ms, TOP = 25°C to 85°C
–8
–
8
%
ETOT(LT) Over full scale of IP, IP applied for 5 ms, TOP = –20°C to 25°C
–7
–
7
%
1
Device may be operated at higher primary current levels, IP, and ambient temperatures, TOP, provided that the Maximum Junction Temperature, TJ(max), is not exceeded.
2
6σ noise voltage.
3
VOE(TOP) drift is referred to ideal VOE = 2.5 V at 0 A.
4
Percentage of IP, with IP = 25 A. Output filtered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com