| Electronic Components Datasheet Search |
|
ATS692LSH Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS692LSH Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 12 page ![]() Description TheATS692LSH is an optimized Hall-effect integrated circuit (IC) and rare earth pellet combination that provides a user- friendly solution for direction detection and true zero-speed, digital gear tooth sensing. The small package can be easily assembled and used in conjunction with a wide variety of gear tooth sensing applications. The IC employs patented algorithms for the special operational requirements of automotive transmission applications. The speed and direction of the target are communicated through a variablepulsewidthoutputprotocol.TheATS692isparticularly adept at handling vibration without sacrificing maximum air gap capability or creating any erroneous direction information. Even higher angular vibration caused by engine cranking is completely rejected by the device. The advanced vibration detection algorithm systematically calibrates the sensor IC on the initial teeth of true target rotation and not on vibration, always guaranteeing an accurate signal in running mode. Advanced signal processing and innovative algorithms make the ATS692 an ideal solution for a wide range of speed and direction sensing needs. This device is available in a lead (Pb) free 4-pin SIP package with a 100% matte tin plated leadframe. ATS692LSH1-DS, Rev. 3 Features and Benefits • Two-wire, pulse width output protocol • Digital output representing target profile • Speed and direction information of target • Vibration tolerance ▫ Small signal lockout for small amplitude vibration ▫ Proprietary vibration detection algorithms for large amplitude vibration • Air gap independent switch points • Large operating air gap capability • Undervoltage lockout • True zero-speed operation • Wide operating voltage range • Single chip sensing IC for high reliability • Robust test coverage capability with Scan Path and IDDQ measurement Two-Wire, Differential, Vibration Resistant Sensor IC with Speed and Direction Output Package: 4-pin SIP (suffix SH) Functional Block Diagram Not to scale ATS692LSH(RSNPH) Synchronous Digital Controller Hall Amp ADC Offset Adjust Offset Adjust Regulator (Analog) VCC TEST Multiplexed Test Signals GND Regulator (Digital) Hall Amp ADC AGC AGC Filter Filter |
Similar Part No. - ATS692LSH |
|
Similar Description - ATS692LSH |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |