Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS693LSG Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS693LSG
Description  Three-wire, pulse width output protocol
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS693LSG Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS693LSG Datasheet HTML 1Page - Allegro MicroSystems ATS693LSG Datasheet HTML 2Page - Allegro MicroSystems ATS693LSG Datasheet HTML 3Page - Allegro MicroSystems ATS693LSG Datasheet HTML 4Page - Allegro MicroSystems ATS693LSG Datasheet HTML 5Page - Allegro MicroSystems ATS693LSG Datasheet HTML 6Page - Allegro MicroSystems ATS693LSG Datasheet HTML 7Page - Allegro MicroSystems ATS693LSG Datasheet HTML 8Page - Allegro MicroSystems ATS693LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Three-Wire, Differential, Vibration Resistant
Sensor IC with Speed and Direction Output
ATS693LSG
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
General Electrical Characteristics
Supply Voltage2
VCC
Operating, TJ < TJ(max)
4.0
24
V
Under Voltage Lockout
VCC(UV)
VCC 0 → 5 V or 5 → 0 V
3.6
3.95
V
Reverse Supply Current3
IRCC
VCC = VRCC(max)
–10
mA
Supply Zener Clamp Voltage
VZ(SUPPLY) ICC = ICC(max) + 3 mA, TA = 25ºC
28
V
Supply Current
ICC
5.0
12
mA
Test Pin Zener Clamp Voltage4
VZ(TEST)
6
V
Power-On State
POS
Output, when connected as in figure 9
High
Output Stage
Low Output Voltage
VOUT(sat) ISINK = 10 mA, Output = On
200
500
mV
Output Zener Clamp Voltage
VZOUT
26.5
V
Output Current Limit
Ilim
VOUT = 12 V, TJ < TJ(max)
25
55
70
mA
Output Leakage Current
IOFF
Output =Off, VOUT = 24 V
10
µA
Output Rise Time
tr
RPULLUP = 825 Ω, CLOAD = 4.7 nF
10% to 90%, connected as in Figure 9
10
µs
Output Fall Time
tf
RPULLUP = 825 Ω, CLOAD = 4.7 pF
90% to 10%, connected as in Figure 9
0.9
µs
Output Pulse Characteristics5
Pulse Width (Forward Rotation)
tw(FWD)
RL = 500 Ω, CL = 10 pF
38
45
52
μs
Pulse Width (Reverse Rotation)
tw(REV)
RL = 500 Ω, CL = 10 pF
76
90
104
μs
Pulse Width (Non-Direction)
tw(ND)
RL = 500 Ω, CL = 10 pF
306
360
414
μs
General Operating Characteristics
Operate Point
BOP
% of peak-to-peak VPROC
69
%
Release Point
BRP
% of peak-to-peak VPROC
31
%
Operating Frequency (Forward
Rotation)6
fFWD
0
11.1
kHz
Operating Frequency (Reverse
Rotation)6
fREV
0
7
kHz
Operating Frequency (Non-Direction
Pulses)6
fND
0
2.2
kHz
DAC Characteristics
Allowable User-Induced Offset
BOFFSET
Magnitude valid for both differential magnetic
channels
–60
60
G
Continued on the next page…
OPERATING CHARACTERISTICS: valid throughout full operating and temperature ranges; using Reference Target 60-0;
unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com