Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN13323 Datasheet(PDF) 3 Page - Cree, Inc

Part # FN13323
Description  STELLA series
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN13323 Datasheet(HTML) 3 Page - Cree, Inc

  FN13323 Datasheet HTML 1Page - Cree, Inc FN13323 Datasheet HTML 2Page - Cree, Inc FN13323 Datasheet HTML 3Page - Cree, Inc FN13323 Datasheet HTML 4Page - Cree, Inc FN13323 Datasheet HTML 5Page - Cree, Inc FN13323 Datasheet HTML 6Page - Cree, Inc FN13323 Datasheet HTML 7Page - Cree, Inc FN13323 Datasheet HTML 8Page - Cree, Inc FN13323 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
SCALE
1:1 WEIGHT
(g)
SHEET
1/1
SIZE
A3
DRAWING TITLE
STELLA-A datasheet
PART NUMBER
FN13323
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
Lens material: Optical grade LSR
Frame material: PA, black
7 5
9 0
4.
2
Top view
21 . 9
5 . 5
Front view
5
32 . 5
42 . 5
LED center position
Light beam direction
Bottom view
A
A
Section view A-A
Scale:
5:1
Venting pipe:
Piercing this membrane
will Allow lens breathing
Isometric view
Linear measures: class V
Please note that due to the elasticity of
products made of silicone actual measured
values may vary, and therefore typical
tolerance values may not be applied.
NOTE: Maximum recommended tightening
torgue for STELLA-FRAME is 0,4Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com