Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN14253 Datasheet(PDF) 2 Page - Cree, Inc

Part # FN14253
Description  STELLA series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FN14253 Datasheet(HTML) 2 Page - Cree, Inc

  FN14253 Datasheet HTML 1Page - Cree, Inc FN14253 Datasheet HTML 2Page - Cree, Inc FN14253 Datasheet HTML 3Page - Cree, Inc FN14253 Datasheet HTML 4Page - Cree, Inc FN14253 Datasheet HTML 5Page - Cree, Inc FN14253 Datasheet HTML 6Page - Cree, Inc FN14253 Datasheet HTML 7Page - Cree, Inc FN14253 Datasheet HTML 8Page - Cree, Inc FN14253 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
A
H
B
G
3
2
4
1
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A3
1/1
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
FN14253_STELLA-A
FN14253
58 g
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: class V
Please note that due to the elasticity of
products made of silicone actual measured
values may vary, and therefore typical
tolerance values may not be applied.
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
F13321
STELLA-A
Optical grade LSR
F14252
STELLA-FRAME-WHT
PA66GF30
white
7 5
4. 2
90
Front view
5. 5
2 2
Right view
Isometric view
Light beam direction
5
42. 5
32. 5
LED center position
Bottom view
NOTE: Maximum recommended tightening
torque for STELLA-FRAME is 0,4Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com