Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF7N65B Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF7N65B
Description  N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF7N65B Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF7N65B Datasheet HTML 1Page - MagnaChip Semiconductor. MDF7N65B Datasheet HTML 2Page - MagnaChip Semiconductor. MDF7N65B Datasheet HTML 3Page - MagnaChip Semiconductor. MDF7N65B Datasheet HTML 4Page - MagnaChip Semiconductor. MDF7N65B Datasheet HTML 5Page - MagnaChip Semiconductor. MDF7N65B Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jun 2011 Version 2.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
7.0*
A
TC=100
oC
4.4*
A
Pulsed Drain Current
(1)
IDM
28*
A
Power Dissipation
TC=25
oC
PD
42
W
Derate above 25
oC
0.33
W/
oC
Repetitive Avalanche Energy
(1)
EAR
13.1
mJ
Peak Diode Recovery dv/dt
(3)
dv/dt
4.5
V/ns
Single Pulse Avalanche Energy
(4)
EAS
212
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
* Id limited by maximum junction temperature
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
(1)
RθJC
3.01
MDF7N65B
N-Channel MOSFET 650V, 7.0A, 1.35
General Description
These N-channel MOSFET are produced using advanced
MagnaChip’s MOSFET Technology, which provides low on-
state resistance, high switching performance and excellent
quality.
These devices are suitable device for SMPS, high Speed
switching and general purpose applications.
Features
VDS = 650V
ID = 7.0A
@ VGS = 10V
RDS(ON) ≤ 1.35
@ VGS = 10V
Applications
Power Supply
PFC
High Current, High Speed Switching
D
G
S
TO-220F
MDF Series


Similar Part No. - MDF7N65B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF7N65BTH ISC-MDF7N65BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF7N65B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
7.0A 800V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD4N20Y MGCHIP-MDD4N20Y Datasheet
810Kb / 6P
N-Channel MOSFET 200V, 3.0A, 1.35(ohm)
MDHT4N20Y MGCHIP-MDHT4N20Y Datasheet
925Kb / 6P
N-Channel MOSFET 200V, 0.85A, 1.35(ohm)
MDP7N60B MGCHIP-MDP7N60B Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 7.0A, 1.15(ohm)
MMF65R190P MGCHIP-MMF65R190P Datasheet
1Mb / 10P
650V 0.19(ohm) N-channel MOSFET
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
650V 0.19(ohm) N-channel MOSFET
MMFT65R195P MGCHIP-MMFT65R195P Datasheet
1Mb / 10P
650V 0.195(ohm) N-channel MOSFET
logo
Taiwan Semiconductor Co...
TSM7NC65CF TSC-TSM7NC65CF Datasheet
412Kb / 6P
N-Channel Power MOSFET 650V, 7A, 1.35廓
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
7.0A,600V N-CHANNEL MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
7.0A 650V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com