Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF1752 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF1752
Description  N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1752 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF1752 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1752 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1752 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1752 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1752 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1752 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mar 2016. Version 2.1
MagnaChip Semiconductor Ltd.
1
D
G
S
Absolute Maximum Ratings (TC =25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(Note 1)
TC=25
oC
(a)
ID
50
A
TC=100
oC
31.8
TA=25
oC
(b)
12.6
TA=100
oC
8.0
Pulsed Drain Current
IDM
100
A
Power Dissipation for Single Operation
TC=25
oC
PD
32
W
TC=100
oC
12.8
TA=25
oC
2
TA=100
oC
0.8
Single Pulse Avalanche Energy
(Note 2)
EAS
153
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~+150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
RθJC
3.9
MDF1752
N-Channel Trench MOSFET 40V, 50A, 8.0m
Ω
General Description
The
MDF1752
uses
advanced
MagnaC
hip’s trench
MOSFET Technology to provide high performance in on-
state resistance, switching performance and reliability
Low RDS(ON), low gate charge can be offering superior
benefit in the application.
S
D
G
Features
VDS = 40V
ID = 50A @VGS = 10V
RDS(ON)
< 8.0m
Ω @ VGS = 10V
< 10.5m
Ω@ VGS = 4.5V
Applications
Inverters
General purpose applications


Similar Part No. - MDF1752

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF1752TH ISC-MDF1752TH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF1752

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD06N100 MGCHIP-MDD06N100 Datasheet
958Kb / 6P
Single N-channel Trench MOSFET 60V, 50A, 10m(ohm)
MDD1752 MGCHIP-MDD1752 Datasheet
1Mb / 7P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
MDE1752 MGCHIP-MDE1752 Datasheet
671Kb / 6P
N-Channel Trench MOSFET 40V, 66A, 8.0m(ohm)
MDI1752 MGCHIP-MDI1752 Datasheet
699Kb / 6P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
MDS1754 MGCHIP-MDS1754 Datasheet
655Kb / 6P
N-Channel Trench MOSFET, 40V, 7.6A, 29m(ohm)
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com