Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF1933 Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDF1933
Description  Single N-channel Trench MOSFET 80V, 43A, 7.5m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1933 Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDF1933 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1933 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1933 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1933 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1933 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1933 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Nov. 2014. Rev 1.0
4
MagnaChip Semiconductor Ltd.
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
Fig.10 Maximum Drain Current vs.
Case Temperature
Fig.11 Transient Thermal Response
Curve
25
50
75
100
125
150
0
10
20
30
40
50
T
C, Case Temperature [،ة]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
،ط Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z¥èJC * R¥èJC(t) + TC
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0
5
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
10
20
30
40
50
60
0
2
4
6
8
10
V
DS = 40V
※ Note : I
D = 50A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
1 s
1 ms
100 ms
10 ms
DC
100 us
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25،ة
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com