Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C8M32S Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C8M32S
Description  Fully synchronous operation
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M32S Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C8M32S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C8M32S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
AS4C8M32S
Alliance Memory, Inc.
551 Taylor Way, San Carlos, CA 94070
TEL: (650) 610-6800
FAX: (650) 620-9211
Alliance Memory, Inc. reserves the right to change products or specification without notice.
8M x 32 bit Synchronous DRAM (SDRAM)
Confidential
Advanced (Rev.
2.0 May /2014)
Features
 Fast access time from clock: 5/5.4 ns
 Fast clock rate: 166/1
43MHz
 Fully synchronous operation
 Internal pipelined architecture
 2M word x 32-bit x 4-bank
 Programmable Mode registers
- CAS Latency: 2, or 3
- Burst Length: 1, 2, 4, 8, or full page
- Burst Type: Sequential & interleaved
- Burst stop function
 Auto Refresh and Self Refresh
 Operating temperature range
- Commercial (0 ~ 70°C)
- Industrial (-40 ~ 85°C)
 4096 refresh cycles/64ms
 CKE power down mode
 Single +3.3V power supply
 Interface: LVTTL
 90-ball, 8.0 x 13 x 1.4mm TFBGA package
- Pb and Halogen Free
Overview
The 256Mb AS4C8M32S SDRAM is a high-
speed CMOS synchronous DRAM containing 256
Mbits. It is internally configured as 4 Banks of 2M
word x 32 DRAM with a synchronous interface (all
signals are registered on the positive edge of the
clock signal, CLK). Read and write accesses to the
SDRAM are burst oriented; accesses start at a
selected location and continue for a programmed
number of locations in a programmed sequence.
Accesses
begin
with
the
registration
of
a
BankActivate command which is then followed by a
Read or Write command.
The SDRAM provides for programmable Read
or Write burst lengths of 1, 2, 4, 8, or full page, with
a burst termination option. An auto precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst
sequence. The refresh functions, either Auto or Self
Refresh are easy to use.
By having a programmable mode register, the
system can choose the most suitable modes to
maximize its performance. These devices are well
suited for applications requiring high memory
bandwidth and particularly well suited to high
performance PC applications
Table 1. Key Specifications
AS4C8M32S
-6/7
tCK3
Clock Cycle time(min.)
6/7.5 ns
tAC3
Access time from CLK (max.)
5/5.4 ns
tRAS
Row Active time(min.)
42/45 ns
tRC
Row Cycle time(min.)
60/67.5 ns
Table 2.Ordering Information
Part Number
Frequency
Package
Temperature
Temp Range
AS4C8M32S-6BIN
166MHz
90-ball TFBGA
Industrial
-40 ~ 85°C
AS4C8M32S-7BCN
1
43MHz
90-ball TFBGA
Commercial
0 ~ 70°C
B: indicates 90-ball (8.0 x 13 x 1.4mm) TFBGA package
N: indicates Pb and Halogen Free ROHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com