Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  Micro-Package, Micro-Power, Low-Voltage Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments TLV7021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
+
--
TLV7021
Micro-
Controller
+
--
TLV7021
3.3V
Sensor
R1
R2
R3
RPU
UV_OV
Copyright © 2017, Texas Instruments Incorporated
+V
+5 V
CC
R
LOAD
V
O
R2
1 MW
V
REF
+2.5 V
V
A
5 V
0 V
1.675 V
3.325 V
V
IN2
V
IN
V
O High
+V
CC
V = V
A
REF
R2
R1
330 kW
V
IN
R1
V
O Low
V
IN1
V = V
A
REF
R1
R2
V
O
V
IN1
V
IN2
Copyright © 2016, Texas Instruments Incorporated
12
TLV7011, TLV7021
SLVSDM5 – MAY 2017
www.ti.com
Product Folder Links: TLV7011 TLV7021
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
Figure 11. TLV7011 in a Noninverting Configuration With Hysteresis
8.2 Typical Application
8.2.1 Window Comparator
Window comparators are commonly used to detect undervoltage and overvoltage conditions. Figure 12 illustrates
a simple window comparator circuit.
Figure 12. Window Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com