Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP464 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP464
Description  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464 Datasheet(HTML) 5 Page - Texas Instruments

  TMP464 Datasheet HTML 1Page - Texas Instruments TMP464 Datasheet HTML 2Page - Texas Instruments TMP464 Datasheet HTML 3Page - Texas Instruments TMP464 Datasheet HTML 4Page - Texas Instruments TMP464 Datasheet HTML 5Page - Texas Instruments TMP464 Datasheet HTML 6Page - Texas Instruments TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = –40°C to +125°C and V+ = 1.7 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
TLOCAL
Local temperature sensor accuracy
TA = –40°C to 100°C, V+ = 1.7 V to 3.6 V
–0.75
±0.125
0.75
°C
TA = –40°C to 125°C, V+ = 1.7 V to 3.6 V
–1
±0.5
1
°C
TREMOTE
Remote temperature sensor
accuracy
TA = –10°C to 85°C, TD = –55°C to 150°C
V+ = 1.7 V to 3.6 V
–0.75
±0.125
0.75
TA = –40°C to 125°C, TD = –55°C to 150°C
V+ = 1.7 V to 3.6 V
–1
±0.5
1
°C
Local temperature error supply
sensitivity
V+ = 1.7 V to 3.6 V
–0.15
±0.05
0.15
°C/V
Remote temperature error supply
sensitivity
V+ = 1.7 V to 3.6 V
–0.25
±0.1
0.25
°C/V
Temperature resolution
(local and remote)
0.0625
°C
ADC conversion time
One-shot mode, per channel (local or remote)
16
17
ms
ADC resolution
13
Bits
Remote sensor
source current
High
Series resistance 1 kΩ (maximum)
120
µA
Medium
45
Low
7.5
η
Remote transistor ideality factor
1.008
SERIAL INTERFACE (SCL, SDA)
VIH
High-level input voltage
0.7 × (V+)
V
VIL
Low-level input voltage
0.3 × (V+)
V
Hysteresis
200
mV
SDA output-low sink current
20
mA
VOL
Low-level output voltage
IO = –20 mA, V+ ≥ 2 V
0.15
0.4
V
IO = –15 mA, V+ < 2 V
0.2 × V+
V
Serial bus input leakage current
0 V
≤ VIN ≤ 3.6 V
–1
1
μA
Serial bus input capacitance
4
pF
DIGITAL INPUTS (ADD)
VIH
High-level input voltage
0.7 × (V+)
V
VIL
Low-level input voltage
–0.3
0.3 × (V+)
V
Input leakage current
0 V
≤ VIN ≤ 3.6 V
–1
1
μA
Input capacitance
4
pF
DIGITAL OUTPUTS (THERM, THERM2)
Output-low sink current
VOL = 0.4 V
6
mA
VOL
Low-level output voltage
IO = –6 mA
0.15
0.4
V
IOH
High-level output leakage current
VO = V+
1
μA
POWER SUPPLY
V+
Specified supply voltage range
1.7
3.6
V
IQ
Quiescent current
Active conversion, local sensor
240
375
µA
Active conversion, remote sensors
400
600
Standby mode (between conversions)
15
21
Shutdown mode, serial bus inactive
0.3
4
Shutdown mode, serial bus active, fS = 400 kHz
120
µA
Shutdown mode, serial bus active, fS = 2.56 MHz
300
µA
POR
Power-on-reset threshold
Rising edge
1.5
1.65
V
Falling edge
1
1.2
1.35
POH
Power-on-reset hysteresis
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com