Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-381F Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HSMP-381F
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-381F Datasheet(HTML) 4 Page - Broadcom Corporation.

  HSMP-381F Datasheet HTML 1Page - Broadcom Corporation. HSMP-381F Datasheet HTML 2Page - Broadcom Corporation. HSMP-381F Datasheet HTML 3Page - Broadcom Corporation. HSMP-381F Datasheet HTML 4Page - Broadcom Corporation. HSMP-381F Datasheet HTML 5Page - Broadcom Corporation. HSMP-381F Datasheet HTML 6Page - Broadcom Corporation. HSMP-381F Datasheet HTML 7Page - Broadcom Corporation. HSMP-381F Datasheet HTML 8Page - Broadcom Corporation. HSMP-381F Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Microstrip Series Connection for HSMP-481x Series
In order to take full advantage of the low inductance of the
HSMP-481x series when using them in series applications,
both lead 1 and lead 2 should be connected together, as
shown in Figure 7.
Microstrip Shunt Connections for HSMP-481x Series
In Figure 8, the center conductor of the microstrip
line is interrupted and leads 1 and 2 of the HSMP-481x
series diode are placed across the resulting gap. This forces
the 1.5 nH lead inductance of leads 1 and 2 to appear as
part of a low pass filter, reducing the shunt
parasitic inductance and increasing the maximum available
attenuation. The 0.3 nHof shunt inductance external to the
diode is created by the via holes, and is a good estimate
for 0.032" thick material.
Typical Applications for HSMP-481x Low Inductance Series
12
3
HSMP-481x
Figure 6. Internal Connections.
Figure 7. Circuit Layout.
Figure 8. Circuit Layout.
Figure 9. Equivalent Circuit.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
0.3 nH
0.3 nH
0.3 pF
Rj
1.5 nH
1.5 nH
R
j
0.08
+ 2.5
I
b
0.9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com