Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M8D1 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D1
Description  Fully synchronous operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D1 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C64M8D1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
AS4C64M8D1
Confidential
1
Rev.
2.0
Oct. /2014
512M – (64M x 8 bit) DDR Synchronous DRAM (SDRAM)
Confidential
(Rev. 2.0, Oct. /2014)
Features
 Fast clock rate: 200MHz
 Differential Clock CK & CK
 Bi-directional DQS
 DLL enable/disable by EMRS
 Fully synchronous operation
 Internal pipeline architecture
 Four internal banks, 16M x 8-bit for each bank
 Programmable Mode and Extended Mode registers
- CAS Latency: 2, 2.5, 3
- Burst length: 2, 4, 8
- Burst Type: Sequential & Interleaved
 Individual byte write mask control
 DM Write Latency = 0
 Auto Refresh and Self Refresh
 8192 refresh cycles / 64ms
 Precharge & active power down
 Operating temperature range: TA = 0 ~ 70°C
 Power supplies: VDD & VDDQ = 2.5V ± 0.2V
 Interface: SSTL_2 I/O Interface
 Package: 66 Pin TSOP II, 0.65mm pin pitch
 Package: 60-Ball, 8x13x1.2 mm (max) TFBGA
- All parts ROHS Compliant
Overview
The 512Mb DDR SDRAM is a high-speed CMOS
double data rate synchronous DRAM containing 512
Mbits. It is internally configured as a quad 16M x 8-bit
DRAM with a synchronous interface (all signals are
registered on the positive edge of the clock signal, CK).
Data outputs occur at both rising edges of CK and CK .
Read and write accesses to the SDRAM are burst
oriented; accesses start at a selected location and
continue for a programmed number of locations in a
programmed sequence. Accesses begin with the
registration of a BankActivate command which is then
followed by a Read or Write command. The
DDR
SDRAM provides programmable Read or Write burst
lengths of 2, 4, or 8. An auto precharge function may
be enabled to provide a self-timed row precharge that
is initiated at the end of the burst sequence. The
refresh functions, either Auto or Self Refresh are easy
to use. In addition,
The DDR SDRAM features
programmable DLL option. By having a programmable
mode register and extended mode register, the system
can choose the most suitable modes to maximize its
performance. These devices are well suited for
applications requiring high memory bandwidth, result in
a device particularly well suited to high performance
main memory and graphics applications.
Table 1. Ordering Information
Part Number
Clock Frequency
Data Rate
Power Supply
Package
AS4C64M8D1-5TCN
200MHz
400Mbps/pin
VDD 2.5V, VDDQ 1.8V
66pin TSOP II
AS4C64M8D1-5TIN
200MHz
400Mbps/pin
VDD 2.5V, VDDQ 1.8V
66 pin TSOP II
AS4C64M8D1-5BCN
200MHz
400Mbps/pin
VDD 2.5V, VDDQ 1.8V
60 ball TFBGA
AS4C64M8D1-5BIN
200MHz
400Mbps/pin
VDD 2.5V, VDDQ 1.8V
60 ball TFBGA
T: indicated 66 pin TSOP II B: indicates 60-ball 8 x 10 x 1.2mm (max) TFBGA package
C: indicates commercial temperature
I: indicates industrial temperature
N: indicates Pb and Halogen Free - ROHS Compliant
Table 2. Speed Grade Information
Speed Grade
Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR1-400
200 MHz
2.5
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com