Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M8D2 Datasheet(PDF) 15 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 15 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
AS4C64M8D2
Confidential
15
Rev. 1.0
Feb. /2014
Table 10. Burst Definition, Addressing Sequence of Sequential and Interleave Mode
Burst Length
Start Address
Sequential
Interleave
A2
A1
A0
4
X
0
0
0, 1, 2, 3
0, 1, 2, 3
X
0
1
1, 2, 3, 0
1, 0, 3, 2
X
1
0
2, 3, 0, 1
2, 3, 0, 1
X
1
1
3, 0, 1, 2
3, 2, 1, 0
8
0
0
0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0
0
1
1, 2, 3, 0, 5, 6, 7, 4
1, 0, 3, 2, 5, 4, 7, 6
0
1
0
2, 3, 0, 1, 6, 7, 4, 5
2, 3, 0, 1, 6, 7, 4, 5
0
1
1
3, 0, 1, 2, 7, 4, 5, 6
3, 2, 1, 0, 7, 6, 5, 4
1
0
0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1
0
1
5, 6, 7, 4, 1, 2, 3, 0
5, 4, 7, 6, 1, 0, 3, 2
1
1
0
6, 7, 4, 5, 2, 3, 0, 1
6, 7, 4, 5, 2, 3, 0, 1
1
1
1
7, 4, 5, 6, 3, 0, 1, 2
7, 6, 5, 4, 3, 2, 1, 0
 Burst read command
The Burst Read command is initiated by having CS# and CAS# LOW while holding RAS# and WE# HIGH at the
rising edge of the clock. The address inputs determine the starting column address for the burst. The delay from
the start of the command to when the data from the first cell appears on the outputs is equal to the value of the
Read Latency (RL). The data strobe output (DQS) is driven LOW 1 clock cycle before valid data (DQ) is driven
onto the data bus. The first bit of the burst is synchronized with the rising edge of the data strobe (DQS). Each
subsequent data-out appears on the DQ pin in phase with the DQS signal in a source synchronous manner. The
RL is equal to an additive latency (AL) plus CAS Latency (CL). The CL is defined by the Mode Register Set
(MRS), similar to the existing SDR and DDR SDRAMs. The AL is defined by the Extended Mode Register Set (1)
(EMRS (1)).
DDR2 SDRAM pin timings are specified for either single ended mode or differential mode depending on the
setting of the EMRS “Enable DQS” mode bit; timing advantages of differential mode are realized in system design.
The method by which the DDR2 SDRAM pin timings are measured is mode dependent. In single ended mode,
timing relationships are measured relative to the rising or falling edges of DQS crossing at VREF. In differential
mode, these timing relationships are measured relative to the cross point of DQS and its complement, DQS#.
This distinction in timing methods is guaranteed by design and characterization. Note that when differential data
strobe mode is disabled via the EMRS, the complementary pin, DQS#, must be tied externally to VSS through a
20 Ω to 10 KΩ resistor to insure proper operation.
 Burst write operation
The Burst Write command is initiated by having CS#, CAS# and WE# LOW while holding RAS# HIGH at the
rising edge of the clock. The address inputs determine the starting column address. Write latency (WL) is defined
by a Read latency (RL) minus one and is equal to (AL + CL -1);and is the number of clocks of delay that are
required from the time the Write command is registered to the clock edge associated to the first DQS strobe. A
data strobe signal (DQS) should be driven LOW (preamble) one clock prior to the WL. The first data bit of the
burst cycle must be applied to the DQ pins at the first rising edge of the DQS following the preamble. The tDQSS
specification must be satisfied for each positive DQS transition to its associated clock edge during write cycles.
The subsequent burst bit data are issued on successive edges of the DQS until the burst length is completed,
which is 4 or 8 bit burst. When the burst has finished, any additional data supplied to the DQ pins will be ignored.
The DQ Signal is ignored after the burst write operation is complete. The time from the completion of the burst
Write to bank precharge is the write recovery time (WR). DDR2 SDRAM pin timings are specified for either single
ended mode or differential mode depending on the setting of the EMRS “Enable DQS” mode bit; timing
advantages of differential mode are realized in system design. The method by which the DDR2 SDRAM pin
timings are measured is mode dependent.
In single ended mode, timing relationships are measured relative to the rising or falling edges of DQS crossing at
the specified AC/DC levels. In differential mode, these timing relationships are measured relative to the cross
point of DQS and its complement, DQS#. This distinction in timing methods is guaranteed by design and
characterization. Note that when differential data strobe mode is disabled via the EMRS, the complementary pin,
DQS#, must be tied externally to VSS through a 20Ω to 10KΩ resistor to insure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com