Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1T384 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T384
Description  SINGLE HIGH SPEED BUS SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T384 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T384 Datasheet HTML 1Page - STMicroelectronics 74V1T384 Datasheet HTML 2Page - STMicroelectronics 74V1T384 Datasheet HTML 3Page - STMicroelectronics 74V1T384 Datasheet HTML 4Page - STMicroelectronics 74V1T384 Datasheet HTML 5Page - STMicroelectronics 74V1T384 Datasheet HTML 6Page - STMicroelectronics 74V1T384 Datasheet HTML 7Page - STMicroelectronics 74V1T384 Datasheet HTML 8Page - STMicroelectronics 74V1T384 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2002
s
HIGH SPEED: tPD = 0.5ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
LOW "ON" RESISTANCE at VCC=5.0V:
RON= 7Ω (TYP), VIN=0V, II/O=30mA
RON= 14Ω (TYP), VIN=2.4V, II/O=15mA
s
OPERATING VOLATGE RANGE:
VCC (OPR.) = 4.0V TO 5.5V
s
5V TOLERANT ON CONTROL PIN
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V (MIN), VIL = 0.8V (MAX)
DESCRIPTION
The 74V1T384 is an advanced high-speed CMOS
SINGLE HIGH SPEED BUS SWITCH fabricated
in silicon gate C2MOS technology. It’s designed
to operate from 4V to 5.5V, making this device
ideal for portable applications. It’s offers 7
Ω
Resistance typical value at VCC=5V. Additional
key feature are fast switching speed (tON=3.8ns,
tOFF=3.3ns
Typical)
and
Low
Power
Consumption.
The OE input is provided to control the switch; the
switch is ON when the OE input is held low and
OFF when OE is held high.
It’s available in the commercial and extended
temperature range in SOT23-5L and SC-70-5L
package.
74V1T384
SINGLE HIGH SPEED BUS SWITCH
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1T384STR
SOT323-5L
74V1T384CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1T384

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T32 STMICROELECTRONICS-74V1T32 Datasheet
48Kb / 7P
SINGLE 2-INPUT OR GATE
Oct-1999
74V1T32 STMICROELECTRONICS-74V1T32 Datasheet
108Kb / 9P
SINGLE 2-INPUT OR GATE
Apr-2004
74V1T32C STMICROELECTRONICS-74V1T32C Datasheet
48Kb / 7P
SINGLE 2-INPUT OR GATE
Oct-1999
74V1T32CTR STMICROELECTRONICS-74V1T32CTR Datasheet
108Kb / 9P
SINGLE 2-INPUT OR GATE
Apr-2004
74V1T32S STMICROELECTRONICS-74V1T32S Datasheet
48Kb / 7P
SINGLE 2-INPUT OR GATE
Oct-1999
More results

Similar Description - 74V1T384

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
Single Bus Switch
logo
Integrated Device Techn...
IDTQ3V245 IDT-IDTQ3V245 Datasheet
55Kb / 7P
QUICKSWITCH PRODUCTS 3.3V HIGH SPEED BUS SWITCH
logo
STMicroelectronics
74V1G384 STMICROELECTRONICS-74V1G384 Datasheet
98Kb / 9P
SINGLE HIGH SPEED BUS SWITCH
Apr-2004
74V2T384 STMICROELECTRONICS-74V2T384 Datasheet
109Kb / 7P
DUAL HIGH SPEED BUS SWITCH
Jun-2003
74V2G384 STMICROELECTRONICS-74V2G384 Datasheet
110Kb / 7P
DUAL HIGH SPEED BUS SWITCH
Jun-2003
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
Single bus switch
Rev. 01-23 February 2007
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
Single bus switch
Rev. 4-5 September 2012
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
HIGH-SPEED CMOS 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com