Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2329I Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2329I
Description  2-bit dual-supply level translator with auto-direction feature and integrated pull-up
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329I Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2329I Datasheet HTML 4Page - STMicroelectronics ST2329I Datasheet HTML 5Page - STMicroelectronics ST2329I Datasheet HTML 6Page - STMicroelectronics ST2329I Datasheet HTML 7Page - STMicroelectronics ST2329I Datasheet HTML 8Page - STMicroelectronics ST2329I Datasheet HTML 9Page - STMicroelectronics ST2329I Datasheet HTML 10Page - STMicroelectronics ST2329I Datasheet HTML 11Page - STMicroelectronics ST2329I Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Pin configuration
ST2329I
8/22
Doc ID 018508 Rev 1
Table 3.
Truth table
Enable
Bidirectional input/output
OE
I/OVCC
I/OVL
H(1)
1.
High level VL power supply referred.
H(2)
2.
High level VCC power supply referred.
H(1)
H(1)
LL
LZ(3)
3.
Z = high impedance.
Z
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VL
Supply voltage
–0.3 to 4.6
V
VCC
Supply voltage
–0.3 to 6.5
V
VOE
DC control input voltage
–0.3 to 6.5
V
VI/OVL
DC I/OVL input voltage (OE = GND or VL)–0.3 to VL + 0.3
V
VI/OVCC
DC I/OVCC input voltage (OE = GND or VL)
–0.3 to VCC + 0.3
V
IIK
DC input diode current
–20
mA
II/OVL
DC output current
±25
mA
II/OVCC
DC output current
±258
mA
ISCTOUT
Short-circuit duration, continuous
40
mA
PD
Power dissipation(1)
1.
500 mW: 65 °C derated to 300 mW by 10 mW/°C: 65 °C to 85 °C.
500
mW
TSTG
Storage temperature
–65 to 150
°C
TL
Lead temperature (10 seconds)
300
°C
ESD
Electrostatic discharge protection (HBM)
±2
KV
Table 5.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VL
Supply voltage
1.65
3.6
V
VCC
(1)
1.
VCC must be greater than VL.
Supply voltage
1.8
5.5
V
VOE
Input voltage (OE output enable pin, VL power
supply referred)
03.6
V
VI/OVL
I/OVL voltage
0
VL
V
VI/OVCC
I/OVCC voltage
0
VCC
V
TOP
Operating temperature
–40
85
°C
dt/dV
Input rise and fall time
0
1
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com