Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP7N60 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDP7N60
Description  N-Channel MOSFET 600V, 7A, 1.15(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP7N60 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDP7N60 Datasheet HTML 1Page - MagnaChip Semiconductor. MDP7N60 Datasheet HTML 2Page - MagnaChip Semiconductor. MDP7N60 Datasheet HTML 3Page - MagnaChip Semiconductor. MDP7N60 Datasheet HTML 4Page - MagnaChip Semiconductor. MDP7N60 Datasheet HTML 5Page - MagnaChip Semiconductor. MDP7N60 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dec. 2014 Version 2.2
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDP7N60TH
-55~150
oC
TO-220
Tube
Halogen Free
Electrical Characteristics (Ta =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
600
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
3.0
-
5.0
Drain Cut-Off Current
IDSS
VDS = 600V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±30V, VDS = 0V
-
-
100
nA
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 3.5A
1.0
1.15
Ω
Forward Transconductance
gfs
VDS = 30V, ID = 3.5A
-
8.5
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDS = 480V, ID = 7.0A, VGS = 10V
(3)
-
17.8
-
nC
Gate-Source Charge
Qgs
-
4.9
-
Gate-Drain Charge
Qgd
-
7.3
-
Input Capacitance
Ciss
VDS = 25V, VGS = 0V, f = 1.0MHz
-
750
pF
Reverse Transfer Capacitance
Crss
-
5
Output Capacitance
Coss
-
95
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 300V, ID = 7.0A,
RG = 25Ω
(3)
-
22
ns
Rise Time
tr
-
36
Turn-Off Delay Time
td(off)
-
35
Fall Time
tf
-
25
Drain-Source Body Diode Characteristics
Maximum Continuous Drain to
Source Diode Forward Current
IS
-
7.0
-
A
Source-Drain Diode Forward
Voltage
VSD
IS = 7.0A, VGS = 0V
-
1.4
V
Body Diode Reverse Recovery
Time
trr
IF = 7.0A, dl/dt = 100A/μs
(3)
-
345
ns
Body Diode Reverse Recovery
Charge
Qrr
-
3.2
μC
Note :
1. Pulse width is based on RθJC & RθJA and the maximum allowed junction temperature of 150°C.
2. Pulse test: pulse width ≤300us, duty cycle≤2%, pulse width limited by junction temperature TJ(MAX)=150°C.
3.
ISD ≤7.0A, di/dt≤200A/us, VDD=50V, Rg =25Ω, Starting TJ=25°C
4. L=8.2mH,
IAS=7.0A, VDD=50V, Rg =25Ω, Starting TJ=25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com