Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP13N50BTH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDP13N50BTH
Description  N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP13N50BTH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDP13N50BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dec 2011. Version 1.0
MagnaChip Semiconductor Ltd
.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
MDP13N50B (TO-220)
Fig.10 Maximum Drain Current vs. Case
Temperature
Fig.11 Transient Thermal Response Curve
MDP13N50B (TO-220)
Fig.12 Single Pulse Maximum Power
Dissipation – MDP13N50B (TO-220)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
10
400V
250V
100V
Note : I
※
※
※
※
D
= 13.0A
Q
G
, Total Gate Charge [nC]
1
10
0
200
400
600
800
1000
1200
1400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
※
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10 µs
100 µs
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
℃
℃
℃
℃
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
10
12
14
T
C, Case Temperature [
]
℃
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
※
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Zθ JC* Rθ JC
(t) + T
C
R
Θ JC
=0.67 /W
℃
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
20000
22000
24000
single Pulse
R
thJC = 0.67
/W
℃
℃
℃
℃
T
C = 25
℃
℃
℃
℃
Pulse Width (s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com