Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C1608 Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS6C1608
Description  Fully static operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1608 Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS6C1608 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C1608 Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AS6C1608
Rev. 1.1
2048K X 8 BIT LOW POWER CMOS SRAM
Alliance Memory Inc.reserves the rights to change the specifications and products without notice.
Alliance Memory, Inc.
551 Taylor Way, Suite #1, San Carlos, CA 94070, USA
Tel: +1 650 610 6800 Fax: +1 650 620 9211
11
ORDERING INFORMATION
Alliance Part no
Organisation
Vcc
Range
Package
Operating
Temp
Speed
ns
AS6C1608-XXBIN - Tray
2048 x 8
2.7V –
3.6V
48-ball 8mm x 10mm
TFBGA
-40℃~85℃
55/70
AS6C1608-XXBINTR – Tape & Reel
2048 x 8
2.7V –
3.6V
48-ball 8mm x 10mm
TFBGA
-40℃~85℃
55/70
AS6C1608-XXTIN – Tray
2048 x 8
2.7V –
3.6V
44-pin 400mil
TSOP-II
-40℃~85℃
55/70
AS6C1608-XXTINTR – Tape & Reel
2048 x 8
2.7V –
3.6V
44-pin 400mil
TSOP-II
-40℃~85℃
55/70
PART NUMBERING SYSTEM
AS6C
1608
-55/70
B or T
I
N
LOW POWER
SRAM
PREFIX
DEVICE NUMBER
16 = 16M
08 = by 8
Access
Time
B = 48ball
TFBGA
(8mm x 10mm)
Or
T = 44-pin
400mil TSOP-II
Temperature
range:
I = Industrial
(-40°C to 85°C)
N = Lead Free
ROHS
Compliant Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com