Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C2008A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS6C2008A
Description  Fully static operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C2008A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS6C2008A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
AS6C2008A-55
PARAMETER
SYM.
UNIT
Read Cycle Time
tRC
Address Access Time
tAA
Chip Enable Access Time
tACE
Output Enable Access Time
tOE
Chip Enable to Output in Low-Z
tCLZ
Output Enable to Output in Low-Z
tOLZ
Chip Disable to Output in High-Z
tCHZ
Output Disable to Output in High-Z
tOHZ
Output Hold from Address Change
tOH
(2) WRITE CYCLE
AS6C2008A-55
PARAMETER
SYM.
UNIT
Write Cycle Time
tWC
Address Valid to End of Write
tAW
Chip Enable to End of Write
tCW
Address Set-up Time
tAS
Write Pulse Width
tWP
Write Recovery Time
tWR
Data to Write Time Overlap
tDW
Data Hold from End of Write Time
tDH
Output Active from End of Write
tOW
Write to Output in High-Z
tWHZ
*These parameters are guaranteed by device characterization, but not production tested.
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
256K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2007
AS6C2008A
AUGUST/2007, V 1.0
Alliance Memory Inc.
Page 5 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com