Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C4016 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS6C4016
Description  Fully static operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C4016 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS6C4016 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C4016 Datasheet HTML 12Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
MARCH 2008
MARCH/2008, V 1.0
Alliance Memory Inc.
Page 11 of 12
AS6C4016
256K X 16 BIT SUPER LOW POWER CMOS SRAM
Alliance
Organization
VCC
Range
Package
Operating Temp
Speed
ns
AS6C4016-55ZIN
256K x 16
2.7 - 5.5V
44pin TSOP II
Industrial ~ -40
C - 85 C
55
AS6C4016-55BIN
256K x 16
2.7 - 5.5V
48ball TFBGA
Industrial ~ -40
C - 85 C
55
Part Numbering System
AS6C
4016
-55
X
X
N
Device Number
Package Option
Temperature Range
40 = 4M
44pin TSOP II
I = Industrial
low power
S RAM prefix
16 =x16
Access
Time
48ball TFBGA
(-40 to + 85 C)
N = Lead Free
RoHS
compliant part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com