Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM621 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM621 Datasheet HTML 2Page - National Semiconductor (TI) LM621 Datasheet HTML 3Page - National Semiconductor (TI) LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) LM621 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Three-Phase Motor Commutation (Continued)
TABLE I LM621 Commutation Decoder Truth Table
Sensor
Position
Sensor Inputs
Sink Outputs
Source Outputs
Phasing
Range
HS1
HS2
HS3
123123
0 – 60
0
0
0
ON
off
off
off
ON
off
60 – 120
0
0
1
ON
off
off
off
off
ON
30 deg
120 – 180
0
1
1
off
ON
off
off
off
ON
180 – 240
1
1
1
off
ON
off
ON
off
off
240 – 300
1
1
0
off
off
ON
ON
off
off
300 – 360
1
0
0
off
off
ON
off
ON
off
0 – 60
1
0
1
ON
off
off
off
ON
off
60 – 120
1
0
0
ON
off
off
off
off
ON
60 deg
120 – 180
1
1
0
off
ON
off
off
off
ON
180 – 240
0
1
0
off
ON
off
ON
off
off
240 – 300
0
1
1
off
off
ON
ON
off
off
300 – 360
0
0
1
off
off
ON
off
ON
off
0 – 90
0
1
HS2
off
na
off
off
na
ON
90 deg
90 – 180
0
0
HS2
ON
na
off
off
na
off
180 – 270
1
0
HS2
off
na
ON
off
na
off
270 – 360
1
1
HS2
off
na
off
ON
na
off
Pin Numbers
5
6
7
16
15
14
13
12
11
Note 1
The above outputs are generated when the Direction input pin 2 is logic high For reverse rotation (pin 2 logic low) the above sink and source output
states become exchanged
Note 2
For four-phase motors sink and source outputs number two (pins 15 and 12) are not used hense the ‘‘na’’ (not applicable) in the appropriate columns
above
Figure 6 shows how the required sink and source outputs for four-phase motors are derived
TABLE II Alternative Sensor-Phasing Names
Alternate
Position
Sensor Inputs
Corresponding LM621 Position
Phasing
Range
HS1
HS2
HS3
Range andor Comments
0 – 60
0
0
0
Same as 30-degree phasing but in reverse
60 – 120
1
0
0
order ie only change is relative direction
‘‘60 deg’’
120 – 180
1
1
0
180 – 240
1
1
1
240 – 300
0
1
1
300 – 360
0
0
1
0 – 60
0
0
1
Same as 60-degree phasing but with shifted
60 – 120
1
0
1
order of position ranges ie only change is
‘‘120 deg’’
120 – 180
1
0
0
relative phasing of sensor signals
180 – 240
1
1
0
240 – 300
0
1
0
300 – 360
0
1
1
0 – 60
0
1
0
Same comment as above for ‘‘120 deg’’
60 – 120
1
1
0
phasing
‘‘240 deg’’
120 – 180
1
0
0
180 – 240
1
0
1
240 – 300
0
0
1
300 – 360
0
1
1
0 – 60
0
1
1
Same as 30-degree phasing but with shifted
60 – 120
1
1
1
order of position ranges ie only change is
‘‘300 deg’’
120 – 180
1
1
0
relative phasing of sensor signals
180 – 240
1
0
0
240 – 300
0
0
0
300 – 360
0
0
1
Four-Phase Motor Commutation
Four-phase motors use a 90-degree (quadrature) rotor-posi-
tion sensor phasing This phasing scheme is also shown in
Table I LM621 Commutation Decoder Truth Table As
shown in Table I the 90-degree phasing has only two rotor-
position-sensor signals HS1 and HS2 When using the
LM621 to run a four-phase motor the HS2 signal is connect-
ed to both the HS2 and HS3 chip inputs
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com