Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6C6264A Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS6C6264A
Description  Common data inputs and outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264A Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS6C6264A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C6264A Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
 
 
MARCH 2009 
AS6C6264A 
 
8K X 8 BIT LOW POWER CMOS SRAM
MARCH/2009 
ALLIANCE MEMORY
PAGE 9 of 10
 
ORDERING INFORMATION 
Alliance
Organization
VCC
Range
Package
Operating Temp
Speed
ns
AS6C6264A-70SCN
8K x 8
4.5 - 5.5V
28pin 330 mil SOP
Commercial~ 0 C – 70 C
70
AS6C6264A-70SIN
8K x 8
4.5 - 5.5V
28pin 330 mil SOP
Industrial ~ -40 C - 85 C
70
AS6C6264A-70PCN
8K x 8
4.5 - 5.5V
28pin 600 mil P-DIP
Commercial~ 0 C – 70 C
70
AS6C6264A-70PIN
8K x 8
4.5 - 5.5V
28pin 600 mil P-DIP
Industrial ~ -40 C - 85 C
70
 
 
 
PART NUMBERING SYSTEM 
AS6C
6264
A
-70
X
X
N
SRAM prefix
Device
Number:
Low Power
(64K)
Die
Rev
Access
Time
Package Option:
P=28pin 600mil PDIP
S=28pin 330mil SOP
Temperature Range:
C = Commercial
(0 to 70 C)
I = Industrial
(-40 to + 85 C)
N = Lead Free
RoHS
compliant part
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com