Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C38096B Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C38096B
Description  tri-static output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C38096B Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C38096B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C38096B Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AS7C38096B
Rev. 1.0
1024K X 8 BIT HIGH SPEED CMOS SRAM
Confidential
8
Rev 1.0 – June 2014
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
≧ VCC - 0.2V
1.5
-
3.6
V
Data Retention Current
IDR
VCC = 1.5V
CE#
≧ VCC - 0.2V
Others at 0.2V or VCC – 0.2V
-
3
25
mA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Vcc
CE#
VDR ≥ 1.5V
CE# ≥ Vcc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com