Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6550 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6550
Description  Differential, High Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6550 Datasheet HTML 7Page - National Semiconductor (TI) LMH6550 Datasheet HTML 8Page - National Semiconductor (TI) LMH6550 Datasheet HTML 9Page - National Semiconductor (TI) LMH6550 Datasheet HTML 10Page - National Semiconductor (TI) LMH6550 Datasheet HTML 11Page - National Semiconductor (TI) LMH6550 Datasheet HTML 12Page - National Semiconductor (TI) LMH6550 Datasheet HTML 13Page - National Semiconductor (TI) LMH6550 Datasheet HTML 14Page - National Semiconductor (TI) LMH6550 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Section
The LMH6550 is a fully differential amplifier designed to
provide low distortion amplification to wide bandwidth differ-
ential signals. The LMH6550, though fully integrated for
ultimate balance and distortion performance, functionally
provides three channels. Two of these channels are the V
+
and V
− signal path channels, which function similarly to
inverting mode operational amplifiers and are the primary
signal paths. The third channel is the common mode feed-
back circuit. This is the circuit that sets the output common
mode as well as driving the V
+ and V− outputs to be equal
magnitude and opposite phase, even when only one of the
two input channels is driven. The common mode feedback
circuit allows single ended to differential operation.
The LMH6550 is a voltage feedback amplifier with gain set
by external resistors. Output common mode voltage is set by
the V
CM pin. This pin should be driven by a low impedance
reference and should be bypassed to ground with a 0.1 µF
ceramic capacitor. Any signal coupling into the V
CM will be
passed along to the output and will reduce the dynamic
range of the amplifier.
The LMH6550 is equipped with a ENABLE pin to reduce
power consumption when not in use. The ENABLE pin floats
to logic high. If this pin is not used it can be left floating. The
amplifier output stage goes into a high impedance state
when the amplifier is disabled. The feedback and gain set
resistors will then set the impedance of the circuit. For this
reason input to output isolation will be poor in the disabled
state.
FULLY DIFFERENTIAL OPERATION
The LMH6550 will perform best when used with split sup-
plies and in a fully differential configuration. See Figure 1
and Figure 3 for recommend circuits.
The circuit shown in Figure 1 is a typical fully differential
application as might be used to drive an ADC. In this circuit
closed loop gain, (A
V)=VOUT/VIN =RF/RG. For all the
applications in this data sheet V
INis presumed to be the
voltage presented to the circuit by the signal source. For
differential signals this will be the difference of the signals on
each input (which will be double the magnitude of each
individual signal), while in single ended inputs it will just be
the driven input signal.
The resistors R
O help keep the amplifier stable when pre-
sented with a load C
L as is typical in an analog to digital
converter (ADC). When fed with a differential signal, the
LMH6550 provides excellent distortion, balance and com-
mon mode rejection provided the resistors R
F,RG and RO
are well matched and strict symmetry is observed in board
layout. With a DC CMRR of over 80dB, the DC and low
frequency CMRR of most circuits will be dominated by the
external resistors and board trace resistance. At higher fre-
quencies board layout symmetry becomes a factor as well.
Precision resistors of at least 0.1% accuracy are recom-
mended and careful board layout will also be required.
With up to 15 V
PP differential output voltage swing and 80
mA of linear drive current the LMH6550 makes an excellent
cable driver as shown in Figure 2. The LMH6550 is also
suitable for driving differential cables from a single ended
source.
20130104
FIGURE 1. Typical Application
20130102
FIGURE 2. Fully Differential Cable Driver
20130110
FIGURE 3. Single Ended in Differential Out
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com