Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8C803625 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS8C803625
Description  Power down controlled by ZZ input
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C803625 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS8C803625 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS8C803625 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
NOVEMBER 2010
256K X 36, 512K X 18
3.3V Synchronous SRAMs
3.3V I/O, Burst Counter
Flow-Through Outputs, Single Cycle Deselect
AS8C803625
AS8C801825
Features
256K x 36, 512K x 18 memory
configuration
Supports fast access times:
- 7.5ns up to 117MHz clock frequency
LBO input selects interleaved or linear
burst mode
Self-timed write cycle with global write
control (GW), byte write enable (BWE),
and byte writes (BWx)
3.3V core power supply
Power down controlled by ZZ input
3.3V I/O supply (VDDQ)
Packaged in a JEDEC Standard 100-pin
thin plastic quad flatpack (TQFP)
to generate a self-timed write based upon a decision
which can be left until the end of the write cycle.
The burst mode feature offers the highest level of
performance
to
the
system
designer,
as
the
803625/801825 can provide four cycles of data for a
single address presented to the SRAM. An internal
burst address counter accepts the first cycle address
from the processor, initiating the access sequence. The
first cycle of output data will flow-through from the
array after a clock-to-data access time delay from the
rising clock edge of the same cycle. If burst mode
operation is selected (ADV=LOW), the subsequent
three cycles of output data will be available to the user
on the next three rising clock edges. The orders of
these three addresses are defined by the internal burst
counter and the LBO input pin.
The 803625/801825 SRAMs utilize Alliance’s latest
high-performance CMOS process and are packaged in a
JEDEC standard 14mm x 20mm 100-pin thin plastic
quad flatpack (TQFP).
Description
The 803625/801825 are high-speed SRAMs organized
as 256K x 36/512K x 18. The 803625/801825 SRAMs
contain write, data, address and control registers.
There are no registers in the data output path (flow-
through architecture). Internal logic allows the SRAM
Pin Description Summary
A0 – A18
Address Inputs
Input
Synchronous
CE
Chip Enable
Input
Synchronous
CS0, CS1
Chip Selects
Input
Synchronous
OE
Output Enable
Input
Asynchronous
GW
Global Write Enable
Input
Synchronous
BWE
Byte Write Enable
Input
Synchronous
BW1, BW2, BW3, BW4
(1)
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV
Burst Address Advance
Input
Synchronous
ADSC
Address Status (Cache Controller)
Input
Synchronous
ADSP
Address Status (Processor)
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
DC
ZZ
Sleep Mode
Input
Asynchronous
I/O0 – I/O31, I/OP1 – I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
N/A
VSS
Ground
Supply
N/A
NOTE:
5309 tbl 01
1. BW3 and BW4 are not applicable for 803625/801825.


Similar Part No. - AS8C803625

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS8C803625A ALSC-AS8C803625A Datasheet
6Mb / 25P
Three chip enables for simple depth expansion
More results

Similar Description - AS8C803625

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD5242G-TR ROHM-BD5242G-TR Datasheet
400Kb / 16P
Delay time controlled by extemal capacitor
logo
TriQuint Semiconductor
TQM7M5013 TRIQUINT-TQM7M5013_15 Datasheet
241Kb / 1P
Quad-Band Input Power Controlled EDGE PAM
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD6326NUX ROHM-BD6326NUX Datasheet
1Mb / 25P
Speed controllable by PWM input signal
logo
Alliance Semiconductor ...
AS8C163631 ALSC-AS8C163631 Datasheet
8Mb / 22P
power down controlled by zz input
AS8C403600 ALSC-AS8C403600 Datasheet
2Mb / 17P
Power down controlled by ZZ input
AS8C403625 ALSC-AS8C403625 Datasheet
806Kb / 19P
Power down controlled by ZZ input
AS8C803600 ALSC-AS8C803600 Datasheet
8Mb / 18P
Power down controlled by ZZ input
logo
Qorvo, Inc
TQM7M5013 QORVO-TQM7M5013 Datasheet
118Kb / 1P
Quad-Band Input Power Controlled EDGE PAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com