Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2377UTMX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2377UTMX
Description  PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2377UTMX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2377UTMX Datasheet HTML 6Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 7Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 8Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 9Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 10Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 11Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 12Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 13Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Electrical Characteristics (Continued)
V
CC =VP Main = VP Aux = Vµc = 3.0V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
DIGITAL INTERFACE (Data, LE, Clock, F
oLD)
V
IH
High-Level Input Voltage
1.72V
≤ Vµc ≤ 5.5V
0.8 Vµc
V
V
IL
Low-Level Input Voltage
1.72V
≤ Vµc ≤ 5.5V
0.2 Vµc
V
I
IH
High-Level Input Current
V
IH = Vµc = 5.5V
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, Vµc = 5.5V
−1.0
1.0
µA
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC
0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
MICROWIRE INTERFACE
t
CS
Data to Clock Set Up Time
(Note 9)
50
ns
t
CH
Data to Clock Hold Time
(Note 9)
20
ns
t
CWH
Clock Pulse Width HIGH
(Note 9)
50
ns
t
CWL
Clock Pulse Width LOW
(Note 9)
50
ns
t
ES
Clock to Load Enable Set Up Time
(Note 9)
50
ns
t
EW
Latch Enable Pulse Width
(Note 9)
50
ns
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com