Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3636 Datasheet(PDF) 27 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 27 Page - ams AG

Back Button AS3636 Datasheet HTML 23Page - ams AG AS3636 Datasheet HTML 24Page - ams AG AS3636 Datasheet HTML 25Page - ams AG AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
27 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
3
CAR
0R/W
Xenon Charger automatic recharge
0
no automatic recharge
1
automatic recharge enabled - see Figure 5 on
page 10
7:4
0000b
R
always 0, don’t use
1. Reading register bit STROBE only returns valid results, if VOUTBOOST_5V_IGBT or VOUTBOOST_5V_AFSTROBE is
set. VOUTBOOST_5V_IGBT is set during or after Xenon charging (see Figure 6 on page 11),
VOUTBOOST_5V_AFSTROBE is set if AFSTROBE is set (see Figure 7 on page 12).
Table 12. Xenon CAR Interval Register
Addr: 08h
Xenon CAR Interval Register
Xenon automatic Re-charging Timer
Bit
Bit Name
Default Access
Description
2:0
CAR_interval
1
001b
R/W
Xenon Re-charging Timer - - see Figure 5 on page 10
000
1.0s
001
default
1.5s
010
2.0s
011
2.5s
100
3.0s
101
3.5s
110
4.0s
111
4.5s
7:3
00h
R
always 0, don’t use
1. The first recharge interval can be shorter than selected due to an synchronization to an internal timer. The
recharge time is always measured from start of recharge to the next start of recharge.
Table 11. Xenon Control Register (Continued)
Addr: 07h
Xenon Control Register
Control Xenon Charger and Re-charging
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com