Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3935 Datasheet(PDF) 21 Page - ams AG

Part # AS3935
Description  Embedded man-made disturber rejection algorithm
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3935 Datasheet(HTML) 21 Page - ams AG

Back Button AS3935 Datasheet HTML 17Page - ams AG AS3935 Datasheet HTML 18Page - ams AG AS3935 Datasheet HTML 19Page - ams AG AS3935 Datasheet HTML 20Page - ams AG AS3935 Datasheet HTML 21Page - ams AG AS3935 Datasheet HTML 22Page - ams AG AS3935 Datasheet HTML 23Page - ams AG AS3935 Datasheet HTML 24Page - ams AG AS3935 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.austriamicrosystems.com
Revision 1.2
20 - 27
AS3935
Datasheet - Detailed Descri p ti on
8.8 Noise Floor Generator and Evaluation
The output signal of the AFE is also used to generate the noise floor level. The noise floor is continuously compared to a reference voltage (noise
threshold). Whenever the noise floor level crosses the noise threshold, the AS3935 issues an interrupt (INT_NH) to inform the external unit (e.g.
MCU) that the AS3935 cannot operate properly due to the high input noise received by the antenna (e.g. blocker). It is possible to set the
threshold for the noise floor limit with the bits REG0x01[6:4], as defined in the table below.
INT_NH is displayed as long as the input noise level (blocker) is higher than the noise floor threshold. By default the setting REG0x01[6:4] =010
is used.
8.9 Lightning Algorithm
The lightning algorithm consists of hardwired logic. False events (man-made disturbers) which might trigger the AS3935 are rejected, while
lightning events initiate calculations to estimate the distance to the head of the storm.
The Lightning algorithm is broken up into three sub blocks:
1. Signal validation: Verification that the incoming signal can be classified as lightning.
2. Energy calculation: Calculation of the energy of the single event.
3. Statistical distance estimation: According to the number of stored events (lightning), a distance estimate is calculated.
If the signal validation fails (the incoming signal does not have the characteristics of lightning), the energy calculation and statistical distance
estimation do not happen and the event is classified as disturber.
8.9.1 Signal Validation
The watchdog enables the lightning algorithm block in the event any activities are detected at the antenna. As this happens the output signal of
the AFE is evaluated by the Signal Validation block, which checks the pattern of the received signal. The signal validation checks the shape of
the received signal. In particular, the AS3935 can reject the impulse signals, like spikes, picked up by the antenna. The AS3935 has the ability to
improve the spike rejection with the register REG0x02[3:0]. By default, register REG0x02[3:0] =0010. Larger values in REG0x02[3:0]
correspond to more robust disturber rejection, with a decrease of the detection efficiency, as shown in the Figure 21.
Table 16. Settings for the Noise Floor Threshold
Continuous Input Noise Level
[µVrms] (outdoor)
Continuous Input Noise Level
[µVrms] (indoor)
REG0x01[6]
REG0x01[5]
REG0x01[4]
390
28
0
0
0
630
45
0
0
1
860
62
010
1100
78
0
1
1
1140
95
1
0
0
1570
112
1
0
1
1800
130
1
1
0
2000
146
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com