Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N40P112 Datasheet(PDF) 21 Page - ams AG

Part # N40P112
Description  Push button feature
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

N40P112 Datasheet(HTML) 21 Page - ams AG

Back Button N40P112 Datasheet HTML 17Page - ams AG N40P112 Datasheet HTML 18Page - ams AG N40P112 Datasheet HTML 19Page - ams AG N40P112 Datasheet HTML 20Page - ams AG N40P112 Datasheet HTML 21Page - ams AG N40P112 Datasheet HTML 22Page - ams AG N40P112 Datasheet HTML 23Page - ams AG N40P112 Datasheet HTML 24Page - ams AG N40P112 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
EasyPoint
TM N40P112
Datasheet - I ² C i n t e r f a c e
www.austriamicrosystems.com/N40P112
Revision 1.1
21 - 34
10.4.5 High Speed Mode
The N40P112 is capable to work in HS-mode.
For switching to HS-mode the Master has to send the sequence: START, MASTER CODE, NACK. This sequence is sent in FS-mode. As no
device is allowed to acknowledge the master code, the master code is followed by a not-acknowledge. After a device receives the master code it
has to switch from FS-settings to HS-settings within tSU.STA which is 160ns for HS-mode. The device stays in HS-mode as long as it does not
receive a STOP command. After receiving a STOP command it has to switch back form HS-settings to FS-settings, which has to be competed
within the minimum bus free time tBUF which is 500ns.
When switching to HS-mode the slave has to
Adapt the SDAH and SCLH input filters according to the spike suppression requirement required in HS-mode. In HS-mode spikes up to
10ns, in FS-mode spikes up to 50ns have to be suppressed.
Adapt the setup and hold times according to the HS-mode requirement. In HS-mode an internal hold time for SDA for START/STOP
detection of 80ns (max. 150ns), in FS-mode an internal hold time of 160ns (max. 250ns) has to be provided.
Adapt the slope control for SDAH output stage.
Figure 15. Data Transfer Format in HS-mode
Figure 16. A Complete HS-mode Transfer
S
Master code
NA Sr
Slave Address R/W
DATA
A/
NA
Slave Address
Sr
F/S mode
Hs mode (current source for SCLH enabled)
P
A
F/S mode
Hs mode continues
< n bytes + ack >



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com