Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6010CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6010CS8
Description  Rail-to-Rail Output Precision Op Amp with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6010CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6010CS8 Datasheet HTML 8Page - Linear Technology LT6010CS8 Datasheet HTML 9Page - Linear Technology LT6010CS8 Datasheet HTML 10Page - Linear Technology LT6010CS8 Datasheet HTML 11Page - Linear Technology LT6010CS8 Datasheet HTML 12Page - Linear Technology LT6010CS8 Datasheet HTML 13Page - Linear Technology LT6010CS8 Datasheet HTML 14Page - Linear Technology LT6010CS8 Datasheet HTML 15Page - Linear Technology LT6010CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT6010
12
6010f
Shutdown
The LT6010 can be put into shutdown mode to conserve
power. When the SHDN pin is biased at less than 0.2V
above the negative supply, the part operates normally.
When pulled 2V or more above V–, the supply current
drops to about 12
µA, shutting down the op amp.
The output of the LT6010 op amp is not isolated from the
inputs while in shutdown mode. Therefore, this shutdown
feature cannot be used for multiplexing applications.
There is an internal 85k resistor at the SHDN pin. If the
SHDN voltage source is more than 2V above the negative
supply, an external series resistor can be placed between
the source and SHDN pin to reduce SHDN pin current (see
Figure 3). For an example of suggested values see Table 1.
The resistors listed ensure that the voltage at the SHDN pin
is 2V above the negative supply.
Table 1
VSHDN (V)
RSHDN (kΩ)
2
NONE
3
77k
4
153k
5
230k
APPLICATIO S I FOR ATIO
Rail-to-Rail Operation
The LT6010 outputs can swing to within millivolts of either
supply rail, but the inputs cannot. However, for most op
amp configurations, the inputs need to swing less than the
outputs. Figure 4 shows the basic op amp configurations,
lists what happens to the op amp inputs and specifies
whether or not the op amp must have rail-to-rail inputs.
Select a rail-to-rail input op amp only when really neces-
sary, because the input precision specifications are usu-
ally inferior.
6010 F03
VEE
RSHDN
VSHDN
SHDN
85k
5
VEE
+
–
Figure 3
RG
VREF
NONINVERTING: AV = 1 + RF/RG
INPUTS MOVE AS MUCH AS
VIN, BUT THE OUTPUT MOVES
MORE
INPUT MAY NOT HAVE TO BE
RAIL-TO-RAIL
NONINVERTING: AV = 1
INPUTS MOVE AS MUCH AS THE
OUTPUT
INPUT MUST BE RAIL-TO-RAIL
FOR OVERALL CIRCUIT
RAIL-TO-RAIL PERFORMANCE
INVERTING: AV = –RF/RG
OP AMP INPUTS DO NOT MOVE,
BUT ARE FIXED AT DC BIAS
POINT VREF
INPUT DOES NOT HAVE TO BE
RAIL-TO-RAIL
VIN
RF
–
+
VIN
VREF
RF
RG
–
+
VIN
6010 F04
–
+
Figure 4. Some Op Amp Configurations Do Not Require
Rail-to-Rail Inputs to Achieve Rail-to-Rail Outputs
Capacitive Loads
The LT6010 can drive capacitive loads up to 500pF in unity
gain. The capacitive load driving capability increases as
the amplifier is used in higher gain configurations. A small
series resistance between the output and the load further
increases the amount of capacitance that the amplifier can
drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com