Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW64D Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58LW64D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW64D Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58LW64D Datasheet HTML 22Page - STMicroelectronics M58LW64D Datasheet HTML 23Page - STMicroelectronics M58LW64D Datasheet HTML 24Page - STMicroelectronics M58LW64D Datasheet HTML 25Page - STMicroelectronics M58LW64D Datasheet HTML 26Page - STMicroelectronics M58LW64D Datasheet HTML 27Page - STMicroelectronics M58LW64D Datasheet HTML 28Page - STMicroelectronics M58LW64D Datasheet HTML 29Page - STMicroelectronics M58LW64D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
M58LW064D
26/50
Figure 9. Random Read AC Waveforms
Note: 1. VIH = Device Disabled (first edge of E0, E1 or E2), VIL = Device Enabled (first edge of E0, E1 or E2). Refer to Table 2. for more
details.
2. BYTE can be Low or High.
Table 15. Random Read AC Characteristics.
Symbol
Parameter
M58LW064D
Unit
110
tAVAV
Address Valid to Address Valid
Min
110
ns
tAVQV
Address Valid to Output Valid
Max
110
ns
tAXQX
Address Transition to Output Transition
Min
0
ns
tBLQV
Byte Low (or High) to Output Valid
Max
1
µs
tBLQZ
Byte Low (or High) to Output Hi-Z
Max
1
µs
tEHQX
Chip Enable High to Output Transition
Min
0
ns
tEHQZ
Chip Enable High to Output Hi-Z
Max
25
ns
tELBL
Chip Enable Low to Byte Low (or High)
Max
10
ns
tELQX
Chip Enable Low to Output Transition
Min
0
ns
tELQV
Chip Enable Low to Output Valid
Max
110
ns
tGHQX
Output Enable High to Output Transition
Min
0
ns
tGHQZ
Output Enable High to Output Hi-Z
Max
15
ns
tGLQX
Output Enable Low to Output Transition
Min
0
ns
tGLQV
Output Enable Low to Output Valid
Max
25
ns
AI06213b
E2, E1, E0 (1)
G
A0-A22
DQ0-DQ15
VALID
tAXQX
tELQX
tAVQV
tGLQV
tEHQZ
tGHQX
OUTPUT
tAVAV
tEHQX
tGHQZ
tGLQX
tELQV
BYTE (2)
tELBL
tBLQV
tBLQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com