Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447629068 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447629068
Description  WE-GFH High Frequency SMD Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447629068 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447629068 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447629068 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447629068 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447629068 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447629068 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 10:1
2,3 ±0,2
2,5
u0,2
0,4
Recommended Land Pattern: [mm]
Scale - 10:1
1,5
1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
7.96 MHz
L
6.8
µH
±20
Rated Current
ΔT = 40 K
IR
450
mA
max.
DC Resistance
@ 20 °C
RDC
960
mΩ
typ.
DC Resistance
@ 20 °C
RDC
1200
mΩ
max.
Self Resonant Frequency
fres
61
MHz
typ.
Q-factor
7.96 MHz
Q
20
min.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +105°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +65 °C
Operating Temperature
-40 °C up to +105 °C
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-GFH High Frequency SMD
Inductor
ORDER CODE
7447629068
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
2520
002.000
Draft
2016-08-31
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7447629068

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447629010 WURTH-7447629010 Datasheet
413Kb / 5P
WE-GFH High Frequency SMD Inductor
7447629015 WURTH-7447629015 Datasheet
657Kb / 6P
WE-GFH High Frequency SMT Inductor
002.001
7447629022 WURTH-7447629022 Datasheet
413Kb / 5P
WE-GFH High Frequency SMD Inductor
7447629033 WURTH-7447629033 Datasheet
413Kb / 5P
WE-GFH High Frequency SMD
7447629047 WURTH-7447629047 Datasheet
414Kb / 5P
WE-GFH High Frequency SMD Inductor
More results

Similar Description - 7447629068

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447629330 WURTH-7447629330 Datasheet
413Kb / 5P
WE-GFH High Frequency SMD Inductor
7447629150 WURTH-7447629150 Datasheet
414Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669012 WURTH-7447669012 Datasheet
862Kb / 5P
WE-GFH High Frequency SMD Inductor
744766904 WURTH-744766904 Datasheet
861Kb / 5P
WE-GFH High Frequency SMD Inductor
744766906 WURTH-744766906 Datasheet
876Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669147 WURTH-7447669147 Datasheet
879Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669156 WURTH-7447669156 Datasheet
902Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669168 WURTH-7447669168 Datasheet
897Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669182 WURTH-7447669182 Datasheet
899Kb / 5P
WE-GFH High Frequency SMD Inductor
7447669218 WURTH-7447669218 Datasheet
896Kb / 5P
WE-GFH High Frequency SMD Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com