Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AW128ML55ZB1T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68AW128ML55ZB1T
Description  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML55ZB1T Datasheet(HTML) 5 Page - STMicroelectronics

  M68AW128ML55ZB1T Datasheet HTML 1Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 2Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 3Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 4Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 5Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 6Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 7Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 8Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
M68AW128M
Figure 3. TSOP Connections
DQ5
DQ6
DQ7
DQ1
VCC
VSS
DQ4
DQ2
DQ3
DQ14
DQ11
DQ13
DQ12
DQ9
DQ15
VSS
VCC
DQ10
A9
A15
A13
NC
A12
A11
DQ8
G
A6
A3
DQ0
A4
A5
A1
AI04836b
M68AW128M
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
W
A16
A0
E
NC
A8
44
39
38
37
36
35
34
33
LB
UB
A14
21
A10
40
43
1
42
41
A2
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com