Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS3604 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDS3604
Description  Single P-Channel Trench MOSFET, -30V, -11A, 12.1m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS3604 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDS3604 Datasheet HTML 1Page - MagnaChip Semiconductor. MDS3604 Datasheet HTML 2Page - MagnaChip Semiconductor. MDS3604 Datasheet HTML 3Page - MagnaChip Semiconductor. MDS3604 Datasheet HTML 4Page - MagnaChip Semiconductor. MDS3604 Datasheet HTML 5Page - MagnaChip Semiconductor. MDS3604 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May. 2011 Version 1.1
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta =25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current
(Note 1)
ID
-11
A
Pulsed Drain Current
IDM
-44
A
Power Dissipation
PD
2.5
W
Single Pulse Avalanche Energy
(Note 2)
EAS
84.5
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(Note 1)
RθJA
50
oC/W
Thermal Resistance, Junction-to-Case
RθJC
25
MDS3604
Single P-Channel Trench MOSFET, -30V, -11A, 12.1m
General Description
The MDS3604 uses advanced MagnaChip’s MOSFET
Technology to provide low on-state resistance.
This device is suited for Power Management and load
switching applications common in Notebook Computers
and Portable Battery Packs.
Features
VDS = -30V
ID = -11A @VGS = -10V
RDS(ON)
< 10.0m
@VGS = -20V
< 12.1m
@VGS = -10V
< 18.3m
@VGS = -5V
Applications
Load Switch
General purpose applications
Smart Module for Note PC Battery
1(S)
2(S)
3(S)
4(G)
8(D)
7(D)
6(D)
5(D)
D
G
S
G
S


Similar Part No. - MDS3604

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDS3604URH VBSEMI-MDS3604URH Datasheet
991Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - MDS3604

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1655 MGCHIP-MDS1655 Datasheet
684Kb / 6P
Single N-channel Trench MOSFET 30V, 11A, 17.5m(ohm)
MDS3603 MGCHIP-MDS3603 Datasheet
700Kb / 7P
Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDS3653 MGCHIP-MDS3653 Datasheet
719Kb / 6P
Single P-Channel Trench MOSFET, -30V, -14.6A, 7m(ohm)
MDU3603 MGCHIP-MDU3603 Datasheet
738Kb / 7P
Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
MDU3605 MGCHIP-MDU3605 Datasheet
767Kb / 6P
Single P-Channel Trench MOSFET, -30V, -35.6A, 17.0m(ohm)
MDV3604 MGCHIP-MDV3604 Datasheet
1Mb / 6P
Single P-Channel Trench MOSFET, -30V, -20A, 12.1m(ohm)
MDV3605 MGCHIP-MDV3605 Datasheet
1Mb / 6P
Single P-Channel Trench MOSFET, -30V, -20A, 18.0m(ohm)
MDU3601 MGCHIP-MDU3601 Datasheet
1,021Kb / 6P
Single P-Channel Trench MOSFET, -30V, -85A, 2.9m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com