Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20 Datasheet(PDF) 1 Page - International Rectifier

Part # MBR20
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBR20 Datasheet(HTML) 1 Page - International Rectifier

  MBR20 Datasheet HTML 1Page - International Rectifier MBR20 Datasheet HTML 2Page - International Rectifier MBR20 Datasheet HTML 3Page - International Rectifier MBR20 Datasheet HTML 4Page - International Rectifier MBR20 Datasheet HTML 5Page - International Rectifier MBR20 Datasheet HTML 6Page - International Rectifier MBR20 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHOTTKY RECTIFIER
20 Amp
MBR20...CT
MBRB20...CT
MBR20...CT-1
Bulletin PD-2.321 rev. I 08/02
1
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
20
A
(Per Device)
I
FRM @ TC = 133°C
20
A
(Per Leg)
V
RRM
80/90/100
V
I
FSM @ tp = 5 µs sine
850
A
V
F
@ 10Apk,T
J = 125°C
0.70
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse
battery protection.
150° C T
J operation
Center tap TO-220, D2Pak and TO-262 packages
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Case Styles
MBR20...CT
MBRB20...CT
MBR20...CT-1
TO-220
D2PAK
TO-262
www.irf.com


Similar Part No. - MBR20

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBR20-F100 YANGJIE-MBR20-F100 Datasheet
142Kb / 2P
Schottky Rectifier
MBR20-F150 YANGJIE-MBR20-F150 Datasheet
142Kb / 2P
Schottky Rectifier
MBR20-F35 YANGJIE-MBR20-F35 Datasheet
142Kb / 2P
Schottky Rectifier
MBR20-F45 YANGJIE-MBR20-F45 Datasheet
142Kb / 2P
Schottky Rectifier
MBR20-F50 YANGJIE-MBR20-F50 Datasheet
142Kb / 2P
Schottky Rectifier
More results

Similar Description - MBR20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com