Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

167 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 167
Description  Bulk, tape and reel or ammo pack
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

167 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  167 Datasheet HTML 1Page - Cornell Dubilier Electronics 167 Datasheet HTML 2Page - Cornell Dubilier Electronics 167 Datasheet HTML 3Page - Cornell Dubilier Electronics 167 Datasheet HTML 4Page - Cornell Dubilier Electronics 167 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type 167/184 Metallized Polyester Radial Lead Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
*Indicatescapacitancetolerance:J=±5%,K=±10%,M=±20%
#Indicatespackagingtype:R=TapeandReel,A=AmmoPack
>Indicatestoolingcode:A=16.5mm,B=18.5mm,C=16.0mm(SeeHdimensionintapingspecification)
Part Numbering System for Bulk Items
167
104
K
100
A
-F
Case
RoHS
Series
Capacitance
Tolerance
Voltage
Code
Compliant
167
392=.0039µF J=±5%
63=63Vdc
A
Designator
103=.01µF
K=±10%
100=100Vdc
B
104=.1µF
M=±20%
250=250Vdc
C
105=1.0µF
630=630Vdc
D
Cap
(µF)
Catalog
Part Number
Tape & Reel
Ammo Pack
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S
Ød
63 Vdc
.068
167683*63A–F
184683*63#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.10
167104*63A–F
184104*63#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.15
167154*63A–F
184154*63#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.22
167224*63A–F
184224*63#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.27
167274*63A–F
184274*63#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.33
167334*63A–F
184334*63#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.47
167474*63B–F
184474*63#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.68
167684*63C–F
184684*63#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
1.00
167105*63C–F
184105*63#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
100 Vdc
.033
167333*100A–F
184333*100#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.047
167473*100A–F
184473*100#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.068
167683*100A–F
184683*100#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.10
167104*100A–F
184104*100#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.12
167124*100B–F
184124*100#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.15
167154*100B–F
184154*100#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.22
167224*100C–F
184224*100#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.33
167334*100C–F
184334*100#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
Cap
(µF)
Catalog
Part Number
Tape & Reel
Ammo Pack
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S
Ød
250 Vdc
.010
167103*250A–F
184103*250#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.015
167153*250A–F
184153*250#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.018
167183*250A–F
184183*250#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.022
167223*250A–F
184223*250#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.027
167273*250B–F
184273*250#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.033
167333*250B–F
184333*250#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.039
167393*250B–F
184393*250#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.047
167473*250B–F
184473*250#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.068
167683*250C–F
184683*250#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.100
167104*250C–F
184104*250#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
400 Vdc
.0047
167472*400A–F
184472*400#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0056
167562*400A–F
184562*400#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0068
167682*400A–F
184682*400#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.010
167103*400A–F
184103*400#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.015
167153*400B–F
184153*400#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.022
167223*400C–F
184223*400#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.033
167333*400C–F
184333*400#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
630 Vdc
.0010
167102*630A–F
184102*630#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0015
167152*630A–F
184152*630#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0022
167222*630A–F
184222*630#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0033
167332*630A–F
184332*630#A>–F
0.413
0.138
0.276
0.295
0.024
10.5
3.5
7.0
7.5
0.6
.0047
167472*630B–F
184472*630#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.0068
167682*630B–F
184682*630#B>–F
0.413
0.157
0.354
0.295
0.024
10.5
4.0
9.0
7.5
0.6
.010
167103*630C–F
184103*630#C>–F
0.413
0.197
0.433
0.295
0.024
10.5
5.0
11.0
7.5
0.6
.015
167153*630D–F
184153*630#D>–F
0.413
0.236
0.472
0.295
0.024
10.5
6.0
12.0
7.5
0.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com