Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AVS
Description  General Purpose Filtering, Bypassing, Power Supply Decoupling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AVS Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AVS Datasheet HTML 1Page - Cornell Dubilier Electronics AVS Datasheet HTML 2Page - Cornell Dubilier Electronics AVS Datasheet HTML 3Page - Cornell Dubilier Electronics AVS Datasheet HTML 4Page - Cornell Dubilier Electronics AVS Datasheet HTML 5Page - Cornell Dubilier Electronics AVS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508) 996-8561 • Fax: (508) 996-3830 • www.cde.com
SMT Aluminum Electrolytic Capacitors - General Purpose, 85°C
Type AVS
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40°C
0°C
25°C
65°C
85°C
45°C
–20°C
-20
-15
-10
-5
0
5
10
0
500
1,000
1,500
2,000
10 µF @ 16 Vdc (4 x 5.4 mm)
47 µF @ 16 Vdc ( 6.3 x 5.4 mm)
330 µF @ 16 Vdc (10 x 10.2 mm)
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1,000
10,000
100,000
1,000,000
65°C
25°C
85°C
0°C
–40°C
45°
C
–20°C
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40°C
–20°C
0°C
25°C
45°C
85°C
65°C
Impedance vs. Temperature and Frequency
ESR vs. Temperature and Frequency
Capacitance vs. Temperature & Frequency
220 µF @ 50 Vdc (10 X 10.2 mm)
-30
-25
-20
-15
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
100 µF @ 6.3 Vdc (6.3 X 5.4 mm)
47µF @ 16Vdc (6.3 X 5.4 mm)
10µF @ 50Vdc (6.3 X 5.4 mm)
Capacitance Change with Temperature
(Typical Performance for AVS Series @ 120 Hz)
Temperature (°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-60
-40
-20
0
20
40
60
80
100
100 µF @ 6.3 Vdc (6.3 X 5.4 mm)
47 µF @ 16 Vdc (6.3 X 5.4 mm)
10 µF @ 50 Vdc (6.3 X 5.4 mm )
Dissipation Factor vs. Temperature
Temperature (°C)
Capacitance Change vs. Time
Time (Hours)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
220 µF @ 50 Vdc (10 X 10.2 mm)
220 µF @ 50 Vdc (10 X 10.2 mm)
(Typical Performance for AVS Series @ 120 Hz)
(Typical Performance for AVS Series)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com