Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPPM Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DPPM
Description  Foil/Metallized Hybrid, Radial Leaded Great for Compact Snubber Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPPM Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DPPM Datasheet HTML 1Page - Cornell Dubilier Electronics DPPM Datasheet HTML 2Page - Cornell Dubilier Electronics DPPM Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type DPPM Polypropylene Film Capacitors
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Foil/Metallized Hybrid, Radial Leaded
Specifications
Ratings
NOTE:
Other capacitance values, sizes and performance
pecifications are available. Contact us.
Great for Compact Snubber Applications
Type DPPM radial-leaded, film/foil polypropylene
capacitors utilize series wound extended foil with floating
metallized common film construction. Type DPPM offers
excellent high frequency and high current capabilities
and self-healing characteristics. With low inductance and
high dV/dt characteristics, Type DPPM is ideal for snubber
applications.
Capacitance Range: .001-.047 µF
Voltage Range: 1000-2000 Vdc (450-500 Vac, 60 Hz)
Capacitance Tolerance: ±10% (K) standard
±5% (J), ±20% (M) optional
Operating Temperature Range: -40 °C to 105 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 105 °C
Dielectric Strength: 175% (1 minute)
Dissipation Factor: 0.1% Max. (25 °C, 1kHz)
Insulation Resistance: 400,000 MΩ Min.
Life Test: 500 hours at 85 °C at 125% rated voltage
H MAX.
.984 MIN.
(25mm)
L
MAX.
MAX.
T
d
TINNED
COPPER
1.5mm
MAX.
S
±.06 (±1.5)
RoHS Compliant
Cap.
Catalog
T
H
L
S
d
dV/dt
µF
Part Number
Inches (mm)
Inches (mm)
Inches (mm) Inches (mm)
Inches
(mm) V/μs
1000 Vdc (450 Vac)
.0010
DPPM10D1K-F
0.256 (6.5)
0.452 (11.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0012
DPPM10D12K-F
0.256 (6.5)
0.452 (11.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0015
DPPM10D15K-F
0.256 (6.5)
0.452 (11.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0018
DPPM10D18K-F
0.256 (6.5)
0.452 (11.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0022
DPPM10D22K-F
0.256 (6.5)
0.452 (11.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0027
DPPM10D27K-F
0.275 (7.0)
0.472 (12.0)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0033
DPPM10D33K-F
0.275 (7.0)
0.492 (12.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0039
DPPM10D39K-F
0.275 (7.0)
0.511 (13.0)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0047
DPPM10D47K-F
0.295 (7.5)
0.531 (13.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0056
DPPM10D56K-F
0.314 (8.0)
0.551 (14.0)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0068
DPPM10D68K-F
0.334 (8.5)
0.570 (14.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.0082
DPPM10D82K-F
0.334 (8.5)
0.629 (16.0)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.010
DPPM10S1K-F
0.374 (9.5)
0.649 (16.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.012
DPPM10S12K-F
0.393 (10.0)
0.688 (17.5)
0.984 (25.0)
0.826 (21.0)
0.032 (0.8)
1900
.015
DPPM10S15K-F
0.374 (9.5)
0.669 (17.0)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300
.018
DPPM10S18K-F
0.393 (10.0)
0.688 (17.5)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300
.022
DPPM10S22K-F
0.433 (11.0)
0.728 (18.5)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300
.027
DPPM10S27K-F
0.472 (12.0)
0.767 (19.5)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300
.033
DPPM10S33K-F
0.511 (13.0)
0.807 (20.5)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300
.039
DPPM10S39K-F
0.551 (14.0)
0.846 (21.5)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300
.047
DPPM10S47K-F
0.590 (15.0)
0.885 (22.5)
1.220 (31.0)
1.043 (26.5)
0.032 (0.8)
1300


Similar Part No. - DPPM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPPM10D12K-F CDE-DPPM10D12K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
DPPM10D15K-F CDE-DPPM10D15K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
DPPM10D18K-F CDE-DPPM10D18K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
DPPM10D22K-F CDE-DPPM10D22K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
More results

Similar Description - DPPM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
Polypropylene Film Capacitors Great for Compact Snubber Applications
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
Radial Leaded Metallized Polypropylene Film Capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
Radial leaded metallized polypropylene film capacitors for Pulse applications
103MMR250K ILLINOISCAPACITOR-103MMR250K_13 Datasheet
226Kb / 2P
Radial leaded metallized polyester film capacitors
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
Radial leaded metallized polyester film capacitors
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
223MTB102KE ILLINOISCAPACITOR-223MTB102KE_13 Datasheet
379Kb / 4P
Radial leaded metallized polyester film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
Radial leaded metallized polypropylene film capacitors
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
Metallized Polypropylene Film Capacitor Radial Snubber Type
11-Nov-13
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
Double Metallized Polypropylene Film Capacitor Radial Snubber Type
19-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com