Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCP Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # FCP
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  FCP Datasheet HTML 1Page - Cornell Dubilier Electronics FCP Datasheet HTML 2Page - Cornell Dubilier Electronics FCP Datasheet HTML 3Page - Cornell Dubilier Electronics FCP Datasheet HTML 4Page - Cornell Dubilier Electronics FCP Datasheet HTML 5Page - Cornell Dubilier Electronics FCP Datasheet HTML 6Page - Cornell Dubilier Electronics FCP Datasheet HTML 7Page - Cornell Dubilier Electronics FCP Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Typical Temperature Characteristics
Typical Frequency Characteristics
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
1
10
100
1000
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
100 to 1000 pF
0.01 µF
0.1 µF
0.22 µF
Insulation Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com