Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3243EB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3243EB
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EB Datasheet(HTML) 1 Page - STMicroelectronics

  ST3243EB Datasheet HTML 1Page - STMicroelectronics ST3243EB Datasheet HTML 2Page - STMicroelectronics ST3243EB Datasheet HTML 3Page - STMicroelectronics ST3243EB Datasheet HTML 4Page - STMicroelectronics ST3243EB Datasheet HTML 5Page - STMicroelectronics ST3243EB Datasheet HTML 6Page - STMicroelectronics ST3243EB Datasheet HTML 7Page - STMicroelectronics ST3243EB Datasheet HTML 8Page - STMicroelectronics ST3243EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2009
Doc ID 8648 Rev 12
1/16
16
ST3243EB
ST3243EC
± 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232
transceiver with auto power-down
Features
ESD protection for RS-232 I/O pins:
– ± 8 kV IEC 1000-4-2 contact discharge
– ± 15 kV human body model
1 µA supply current achieved when in auto
power-down
250 kbps minimum guaranteed data rate
Guaranteed 6 V/ms slew rate range
Guaranteed mouse drive ability
0.1 µF external capacitors
Meet EIA/TIA-232 specifications down to 3 V
Available in TSSOP28 package
Description
The ST3243E device consists of 3 drivers, 5
receivers and a dual charge-pump circuit. The
device meets the requirements of EIA/TIA and
V.28/V.24 communication standards providing
high data rate capability and enhanced
electrostatic discharge (ESD) protection. All
transmitter outputs and receiver input are
protected to ± 8 kV USING IEC 1000-4-2 contact
discharge and ± 15 kV using the human body
model. The receiver R2 is always active to
implement a wake-up feature for serial port.
The ST3243E has a proprietary low-dropout
transmitter output stage enabling true RS-232
performance from a 3.0 V to 5.5 V supply with a
dual charge pump. The device is guaranteed to
run at data rates of 250 kbps while maintaining
RS-232 output levels.
The auto power-down feature functions when
FORCEON is low and FORCEOFF is high. During
this mode of operation, if the device does not
sense a valid RS-232 signal, the driver outputs
are disabled. If FORCEOFF is set low, both
drivers and receivers (expert R2B) are shut off,
and supply current is reduced to 1 µA.
Disconnecting the serial port or turning off the
peripheral drives causes the auto power-down
condition to occur.
Auto power-down can be disabled when
FORCEON and FORCEOFF are high, and should
be done when driving a serial mouse. With auto
power-down enabled, the device is activated
automatically when a valid signal is applied to any
receiver input.
Typical application are in notebook, subnotebook,
palmtop computers, battery-powered equipment,
handheld equipment, peripherals and printers.
TSSOP
Table 1.
Device summary
Order codes
Temperature range
Package
Packaging
ST3243ECTR-E
0 to 70 °C
TSSOP28 (tape and reel)
2500 parts per reel
ST3243EBTR
- 40 to 85 °C
TSSOP28 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3243EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243EBD STMICROELECTRONICS-ST3243EBD Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBDR STMICROELECTRONICS-ST3243EBDR Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBJ STMICROELECTRONICS-ST3243EBJ Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBPR STMICROELECTRONICS-ST3243EBPR Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBTR STMICROELECTRONICS-ST3243EBTR Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
More results

Similar Description - ST3243EB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
ON Semiconductor
FPF2411 ONSEMI-FPF2411 Datasheet
1,011Kb / 13P
6 V / 6 A - Rated Bi-Directional Switch with Slew Rate Control and RCB
August-2017 ??Rev. 2
logo
Vishay Siliconix
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com