Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3243ECTR-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3243ECTR-E
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243ECTR-E Datasheet(HTML) 5 Page - STMicroelectronics

  ST3243ECTR-E Datasheet HTML 1Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 2Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 3Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 4Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 5Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 6Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 7Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 8Page - STMicroelectronics ST3243ECTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ST3243EB, ST3243EC
Truth tables
Doc ID 8648 Rev 12
5/16
2
Truth tables
Table 3.
Invalid truth table
RS-232 Signal present at any receiver input
INVALID output
YES
H
NO
L
Table 4.
Output control truth table
Force
ON
Force
OFF
Valid receiver level
Operation status
TOUT
ROUT
R2OUTB
X
0
X
Shutdown (Force OFF)
HIGH Z
HIGH Z
ACTIVE
11
X
Normal operating (Force
ON)
ACTIVE
ACTIVE
ACTIVE
0
1
YES
Normal operating
(Auto power-down)
ACTIVE
ACTIVE
ACTIVE
01
NO
Shutdown
(Auto power-down)
HIGH Z
ACTIVE
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com