Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA321MPL1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 55Page - STMicroelectronics STA321MPL1 Datasheet HTML 56Page - STMicroelectronics STA321MPL1 Datasheet HTML 57Page - STMicroelectronics STA321MPL1 Datasheet HTML 58Page - STMicroelectronics STA321MPL1 Datasheet HTML 59Page - STMicroelectronics STA321MPL1 Datasheet HTML 60Page - STMicroelectronics STA321MPL1 Datasheet HTML 61Page - STMicroelectronics STA321MPL1 Datasheet HTML 62Page - STMicroelectronics STA321MPL1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
DocID029389 Rev 1
59/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
6.4
PSCorrect registers
An ADC is used to input ripple data to SDI78. The left channel (7) is used internally. No
audio data can therefore be used on these channels, although all channel mapping and
mixing from other inputs to channels 7 and 8 internally are still valid.
6.4.1
PSC1-2: ripple correction value (RCV) (0x51, 0x52)
This value is equivalent to the negative maximum ripple peak as a percentage of Vcc
(MPR), scaled by the inverse of the maximum ripple p-p as a percentage of the full-scale
analog input to the ADC. It is represented as a 1.11 signed fractional number.
6.4.2
PSC3: correction normalization value (CNV) (0x53)
This value is equivalent to 1/(1+MPR) expressed as a 0.12 unsigned fractional number.
D7
D6
D5
D4
D3
D2
D1
D0
RCV11
RCV10
RCV9
RCV8
RCV7
RCV6
RCV5
RCV4
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
RCV3
RCV2
RCV1
RCV0
CNV11
CNV10
CNV9
CNV8
00
001
11
1
D7
D6
D5
D4
D3
D2
D1
D0
CNV7
CNV6
CNV5
CNV4
CNV3
CNV2
CNV1
CNV0
11
111
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com