Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA339BWS Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA339BWS
Description  FFX with 100-dB SNR and dynamic range
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA339BWS Datasheet HTML 29Page - STMicroelectronics STA339BWS Datasheet HTML 30Page - STMicroelectronics STA339BWS Datasheet HTML 31Page - STMicroelectronics STA339BWS Datasheet HTML 32Page - STMicroelectronics STA339BWS Datasheet HTML 33Page - STMicroelectronics STA339BWS Datasheet HTML 34Page - STMicroelectronics STA339BWS Datasheet HTML 35Page - STMicroelectronics STA339BWS Datasheet HTML 36Page - STMicroelectronics STA339BWS Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
DocID015276 Rev 8
33/79
STA339BWS
Register description
79
Both limiters can be used in one of two ways, anticlipping or dynamic range compression.
When used in anticlipping mode the limiter threshold values are constant and dependent on
the limiter settings. In dynamic range compression mode the limiter threshold values vary
with the volume settings allowing a nighttime listening mode that provides a reduction in the
dynamic range regardless of the volume level.
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the data for each processing channel at the output of the crossover (bass management)
filter. If any channel receives 2048 consecutive zero value samples (regardless of fs) then
that individual channel is muted if this function is enabled.
Submix mode enable
7.1.5
Configuration register E (addr 0x04)
Max power correction variable
Max power correction
Table 33. Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
0: automatic zero-detect mute disabled
1: automatic zero-detect mute enabled
Table 34. Submix mode enable
Bit
R/W
RST
Name
Description
7
R/W
0
SME
0: submix into left/right disabled
1: submix into left/right enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
11000010
Table 35. Max power correction variable
Bit
R/W
RST
Name
Description
0
R/W
0
MPCV
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
Table 36. Max power correction
Bit
R/W
RST
Name
Description
1
R/W
1
MPC
0: function disabled
1: enables power bridge correction for THD
reduction near maximum power output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com