Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDU5693 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDU5693
Description  Dual Asymmetric N-channel Trench MOSFET 30V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU5693 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDU5693 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 6Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 7Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 8Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Jan. 2015 Ver. 1.0
MagnaChip Semiconductor Ltd.
3
0
2
4
6
8
0
5
10
15
20
25
30
V
GS, Gate-Source Voltage [V]
※ Notes :
V
DS = 5V
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Temperature
Area
Fig.4 On-Resistance Variation with
Gate to Source Voltage
Fig.5 Transfer Characteristics
Fig.6
Body
Diode
Forward
Voltage
Variation
with
Source
Current
and
Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
3.0V
4.0V
6.0V
V
GS = 10V
8.0V
4.5V
2.5V
V
DS, Drain-Source Voltage [V]
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
※ Notes :
I
D = 20A
V
GS, Gate to Source Volatge [V]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
-1
10
0
10
1
※ Notes :
V
GS = 0V
V
SD, Source-Drain voltage [V]
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
※ Notes :
1. V
GS = 10 V
2. I
D = 20 A
T
J, Junction Temperature [
oC]
0
10
20
30
40
50
0
2
4
6
8
10
V
GS = 10V
V
GS = 4.5V
I
D, Drain Current [A]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com