Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1507 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1507
Description  Video Switch 쨌 75??driver 쨌 Y/C mix
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1507 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1507 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Unit
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-30~+75
°C
Power supply voltage
VCC
15
V
Allowable loss
When alone
Pd
200
mW
When mounted on board
Pd
350 (*)mW
Recommended Operating Conditions
Item
Symbol
Rating
Unit
Power supply voltage
VCC
4.5~13
V
Electrical Characteristics (Except where noted otherwise, Ta=25°C, VCC=5V)
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
3.7
4.8
mA
Input pin voltage
VIN
No-signal, no-load
2.70
2.90
3.10
V
Output pin voltage
VOUT
No-signal, no-load
2.15
V
Voltage gain
GV
Refer to measurement procedures
-0.5
0
+0.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
VCC=9V
DG
Refer to measurement procedures
-30
+3
%
Differential phase
VCC=9V
DP
Refer to measurement procedures
-3
0
+3
deg
Total harmonic distortion ratio
THD
Refer to measurement procedures
0.03
0.3
%
Output dynamic range
VD
Refer to measurement procedures
3.5
3.8
V
Output offset voltage
VOFF
Refer to measurement procedures
±15
mV
Cross talk
CT
Refer to measurement procedures
-70
-60
dB
SW input voltage H
VIH
Refer to measurement procedures
2.1
V
SW input voltage L
VIL
Refer to measurement procedures
0.7
V
Input impedance
Zi
15
k
Ω
Output impedance
Zo
75
Ω
*Board size 100mm 100mm t=1.6
MM1501
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
4.7
6.1
mA
Input pin voltage
VIN
No-signal, no-load
1.70
1.90
2.10
V
Output pin voltage
VOUT
No-signal, no-load
2.10
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
VCC=9V
DG
Refer to measurement procedures
-30
+3
%
Differential phase
VCC=9V
DP
Refer to measurement procedures
-3
0
+3
deg
Total harmonic distortion ratio
THD
Refer to measurement procedures
0.03
0.3
%
Output dynamic range
VD
Refer to measurement procedures
3.5
3.8
V
Output offset voltage
VOFF
Refer to measurement procedures
±30
mV
Cross talk
CT
Refer to measurement procedures
-70
-60
dB
SW input voltage H
VIH
Refer to measurement procedures
2.1
V
Sw input voltage L
VIL
Refer to measurement procedures
0.7
V
Input impedance
Zi
15
k
Ω
Output impedance
Zo
12
Ω
MM1502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com