Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD03ASTPUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 8Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 9Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 10Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 11Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 12Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 13Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 14Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 15Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Typical performance characteristics
STOD03AS
12/25
DocID022614 Rev 2
Figure 10. Step-up CCM operation
Figure 11. Inverting CCM operation
VEN = VINA = VINP = 3.7 V, IMID = 100 mA, TA = 25 °C
VEN = VINA = VINP = 3.7 V, IO2 = 100 mA, TA = 25 °C
Figure 12. Line transient
Figure 13. Output voltage vs. input voltage
IO = 200 mA, VO2 = - 4.9 V
VINA = VINP = 2.9 to 3.4 V, IMID,O2 = 100 mA, TR = TF = 50 µs
V
IN
V
MID
V
O2
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
1.6
1.8
2
2.2
2.4
2.6
2.8
3
V
IN [V]
-40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com