Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOD14PUR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STOD14PUR
Description  700 mA dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD14PUR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STOD14PUR Datasheet HTML 12Page - STMicroelectronics STOD14PUR Datasheet HTML 13Page - STMicroelectronics STOD14PUR Datasheet HTML 14Page - STMicroelectronics STOD14PUR Datasheet HTML 15Page - STMicroelectronics STOD14PUR Datasheet HTML 16Page - STMicroelectronics STOD14PUR Datasheet HTML 17Page - STMicroelectronics STOD14PUR Datasheet HTML 18Page - STMicroelectronics STOD14PUR Datasheet HTML 19Page - STMicroelectronics STOD14PUR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Detailed description
STOD14
16/22
Doc ID 023562 Rev 1
Note:
Enable pin must be set to AGND while using the S-WIRE function.
7.13
Programming negative output voltage
Negative output voltage is set through the S-WIRE interface by providing a number of pulses
according to the following table.
Table 9.
Negative output voltage programming levels
Bit clock
VO2 (V)
Bit clock
VO2 (V)
Bit clock
VO2 (V)
Bit clock
VO2 (V)
Bit clock
VO2 (V)
1
N/A
11
-5.4
21
-4.4
31
-3.4
41
-2.4
2
N/A
12
-5.3
22
-4.3
32
-3.3
3
N/A
13
-5.2
23
-4.2
33
-3.2
4
N/A
14
-5.1
24
-4.1
34
-3.1
5
-6.015-5.025
-4.0
35
-3.0
6
-5.916-4.926
-3.9
36
-2.9
7
-5.817-4.827
-3.8
37
-2.8
8
-5.718-4.728
-3.7
38
-2.7
9
-5.619-4.629
-3.6
39
-2.6
10
-5.5
20
-4.5
30
-3.5
40
-2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com